Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MP20249

  • AI
    ## Overview of the MP20249 The **MP20249** is a high-performance, dual-channel, low-dropout (LDO) linear regulator manufactured by Monolithic Power Systems (MPS). It is specifically designed for battery-powered applications where power efficiency and a small footprint are critical. --- ### Key Specifications Below are the primary electrical characteristics and parameters of the MP20249: | Parameter | Specifications | | :--- | :--- | | **Input Voltage Range** | 2.5V to 6V | | **Output Channels** | Dual (2 independent outputs) | | **Output Current** | 300mA per channel | | **Dropout Voltage** | ~230mV at 300mA load | | **Quiescent Current** | ~50µA (per channel) | | **PSRR** | 70dB at 1kHz | | **Package Type** | QFN-8 (2mm x 2mm) | --- ### Functional Components & Features The MP20249 consists of several internal electronic subsystems that ensure stable voltage regulation: 1. **Dual LDO Architecture**: It contains two independent regulators in a single chip, allowing the device to power two different sub-systems (e.g., a microcontroller and a sensor) simultaneously. 2. **Enable Pins (EN1/EN2)**: Each channel has a dedicated enable pin. This allows for sequenced power-up or turning off unused circuits to conserve battery life. 3. **Internal Protection Circuitry**: * **Thermal Shutdown**: Automatically turns off the device if the internal temperature exceeds safe limits. * **Current Limit**: Prevents the chip from burning out if there is a short circuit on the output. 4. **Low Noise Output**: The architecture is optimized to minimize electronic noise, making it suitable for sensitive RF (Radio Frequency) or analog circuits. --- ### Typical Application Circuit When integrating the MP20249, external components are required for stability. Typically, ceramic capacitors are used due to their low ESR (Equivalent Series Resistance). ```text Input (2.5V - 6V) ----[ C_IN: 1uF ]----| MP20249 |----[ C_OUT1: 1uF ]----> V_OUT1 | |----[ C_OUT2: 1uF ]----> V_OUT2 | GND | ``` --- ### Common Use Cases * **Smartphones and Tablets**: Managing power for peripheral modules. * **Wearables**: Ideal for smartwatches due to the small 2mm x 2mm package. * **Wireless Modules**: Providing clean power to Bluetooth or Wi-Fi chipsets. * **Battery-Powered Medical Devices**: Where low quiescent current extends operational life.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the QFN-8 package of the MP20249?
    • ⤷ How does the dropout voltage of the MP20249 compare to other LDOs in its class?
    • ⤷ Can the MP20249 be used with tantalum capacitors instead of ceramic ones?