MP1613-AD-RX
AI

The **MP1613-AD-RX** is a high-frequency, synchronous, rectified, step-down (buck) switch-mode converter with built-in internal power MOSFETs. It is designed to provide a very compact solution to achieve a continuous output current over a wide input supply range.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical characteristics of the MP1613 series:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 4.5V to 16V |
| **Output Current** | Up to 3A |
| **Switching Frequency** | 1.3MHz (High frequency for small inductors) |
| **Feedback Voltage** | 0.8V (Adjustable via external resistors) |
| **Efficiency** | Up to 95% |
| **Package Type** | SOT23-6 |
---
### 2. Core Functional Components
The "RX" suffix typically refers to specific packaging or minor revisions in the MPS (Monolithic Power Systems) lineup. Internally, the chip consists of:
* **Synchronous Rectifier:** Unlike standard buck converters that use an external Schottky diode, the MP1613 integrates a low-side MOSFET. This reduces power loss and increases efficiency.
* **AAM (Advanced Arching Mode):** This feature optimizes efficiency during light-load conditions by reducing switching losses.
* **Internal Soft-Start:** Prevents inrush current during power-up, protecting the delicate electronic components downstream.
* **Protection Circuitry:** Includes Over-Current Protection (OCP), Thermal Shutdown, and Under-Voltage Lockout (UVLO).
---
### 3. Pin Configuration (SOT23-6)
To integrate this part into a PCB, the following pinout is standard:
1. **GND:** Ground.
2. **SW:** Switch Output (connected to the inductor).
3. **VIN:** Input Supply voltage.
4. **FB:** Feedback input (used to set the output voltage).
5. **EN:** Enable (Logic high to turn on).
6. **BST:** Bootstrap (requires a capacitor to drive the high-side gate).
---
### 4. Typical Application Circuit
The MP1613 requires a minimal number of external components:
```mermaid
graph LR
Vin[Input Voltage] --> C1[Input Cap]
C1 --> IC[MP1613]
IC --> L1[Inductor]
L1 --> C2[Output Cap]
C2 --> Vout[Regulated Output]
IC -.-> R1[Resistor Divider]
R1 -.-> IC
```
---
### 5. Common Use Cases
* **Digital Set-top Boxes:** Converting 12V adapter power to 3.3V or 1.2V.
* **Flat Panel Television/Monitors:** High-efficiency localized power regulation.
* **Networking Systems:** Providing stable power for routers and switches.
* **Distributed Power Systems:** Point-of-Load (PoL) regulation.
- ⤷
How do I calculate the resistor values for a specific output voltage on the MP1613?
- ⤷ What are the thermal considerations when running the MP1613 at its maximum 3A current?
- ⤷ Can the MP1613 be used with an input voltage higher than 16V?