Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MP1612-AC-RX

  • AI
    The **MP1612-AC-RX** is an integrated circuit (IC) primarily used in power management applications. It belongs to a family of high-frequency, synchronous, rectified, step-down (Buck) switch-mode converters with built-in internal power MOSFETs. --- ### 1. Key Technical Specifications The following table highlights the core electronic characteristics of the MP1612 series: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 16V | | **Output Current** | Up to 2A | | **Switching Frequency** | 600kHz (typically) | | **Efficiency** | Up to 95% | | **Package Type** | SOT23-6 | | **Control Mode** | Constant On-Time (COT) | --- ### 2. Core Electronic Components & Architecture The MP1612-AC-RX integrates several critical stages within a single silicon die to minimize the external Bill of Materials (BOM): * **Internal MOSFETs:** It features high-side and low-side power MOSFETs. The synchronous rectification eliminates the need for an external Schottky diode, increasing efficiency and reducing heat. * **COT Control Loop:** It uses **Constant On-Time (COT)** control. This allows for an ultra-fast transient response (how quickly the chip reacts to a change in load) and simplifies the loop compensation design. * **Protection Circuitry:** * **OCP (Over-Current Protection):** Protects the device from short circuits. * **OTP (Over-Temperature Protection):** Thermal shutdown if the chip gets too hot. * **UVLO (Under-Voltage Lockout):** Ensures the chip only operates when the input voltage is stable. --- ### 3. Pin Configuration (SOT23-6) To integrate this part into a PCB, you must understand its physical interface: 1. **GND:** System ground. 2. **SW:** Switching node; connects to the external inductor. 3. **VIN:** Input supply voltage (4.5V - 16V). 4. **FB:** Feedback input. Connects to a resistor divider to set the output voltage. 5. **EN:** Enable pin. Drive high to turn on, low to turn off. 6. **BST:** Bootstrap. Requires a capacitor between BST and SW to drive the high-side gate. --- ### 4. Typical Application Circuit When designing with the MP1612-AC-RX, the following external components are required: ```mermaid [Input Cap] --- [VIN] [MP1612] [SW] --- [Inductor] --- [Output Cap] | [Resistor Divider] --- [FB] ``` * **Inductor:** Typically ranges from $1\mu H$ to $4.7\mu H$ depending on the desired ripple current. * **Input/Output Capacitors:** Ceramic capacitors ($MLCC$) are recommended for low ESR and better stability.
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of COT control over traditional PWM in the MP1612?
    • ⤷ How do I calculate the resistor divider values for a specific output voltage?
    • ⤷ What is the thermal performance of the SOT23-6 package under a 2A load?