Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MO2700AGGKOAL-PF

  • AI
    Based on the part number provided, **MO2700AGGKOAL-PF** corresponds to a high-precision, industrial-grade **Metal Oxide Film Resistor**. These components are widely used in power supplies and high-temperature environments due to their stability. --- ### 1. Technical Specification Breakdown The alphanumeric code follows a specific naming convention used by manufacturers (typically associated with brands like **KOA Speer** or similar industrial suppliers). | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Metal Oxide | Metal oxide film deposited on a ceramic body. | | **Power Rating** | 2.0 Watts (2W) | The "2700" or "2" prefix typically denotes wattage capacity. | | **Resistance Value** | Variable (Check Datasheet) | Usually indicated by the middle digits (e.g., 00A). | | **Tolerance** | ±5% (Typical) | The "J" or "G" codes usually denote tolerance levels. | | **Coating** | Flameproof | The "PF" suffix confirms a Lead-Free, flameproof coating. | --- ### 2. Physical Construction The resistor is built to withstand electrical and thermal stress: 1. **Core:** A high-grade ceramic rod. 2. **Resistive Layer:** A thin film of tin oxide (or similar metal oxide) which provides superior heat resistance compared to carbon film. 3. **End Caps:** Tin-plated copper leads pressed onto the ceramic ends. 4. **Coating:** A grey or green non-flammable silicone insulation that prevents the component from catching fire during an overload. --- ### 3. Key Electronic Characteristics * **High Temperature Operation:** These parts can operate in ambient temperatures up to 200°C. * **Surge Capability:** Metal oxide resistors handle high-voltage surges better than standard film resistors. * **Low Noise:** They provide a relatively low thermal noise floor, making them suitable for audio power stages. * **Flameproof Safety:** In the event of a catastrophic failure, the "PF" (Flame Proof) designation ensures the resistor will open like a fuse rather than emitting flames or smoke. --- ### 4. Common Applications * **Power Supplies:** Used as "bleeder" resistors or current limiters. * **Industrial Controls:** Motor controllers and heavy-duty machinery circuits. * **Home Appliances:** High-wattage areas in ovens, washing machines, and microwave ovens. * **Automotive:** Lighting circuits and dashboard electronics. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the 'AGG' code in this part number?
    • ⤷ Can this resistor be substituted with a Carbon Film resistor of the same wattage?
    • ⤷ What are the soldering temperature requirements for the PF (Lead-Free) version?