Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MMZ2012Y121B

  • AI
    The **MMZ2012Y121B** is a High-Frequency Chip Bead (Ferrite Bead) manufactured by TDK Corporation. It is primarily used for noise suppression in electronic circuits, specifically designed to filter out high-frequency electromagnetic interference (EMI) without affecting the DC signal. --- ### 1. Key Technical Specifications The following table outlines the core electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Type** | Ferrite Bead (Multilayer) | | **Impedance (at 100 MHz)** | 120 $\Omega$ (±25%) | | **DC Resistance (Max)** | 0.15 $\Omega$ | | **Rated Current (Max)** | 600 mA | | **Operating Temperature** | -55°C to +125°C | | **Package / Case** | 0805 (2012 Metric) | | **Dimensions (L x W x T)** | 2.00mm x 1.25mm x 0.85mm | --- ### 2. Functional Characteristics #### Impedance Properties The "121" in the part number indicates an impedance of **120 Ohms** at a frequency of 100 MHz. Ferrite beads act as a resistor at high frequencies, converting noise energy into heat, while remaining essentially transparent (low resistance) at DC or low frequencies. #### The "Y" Material Classification In TDK's MMZ series, the **"Y" material** indicates a standard frequency characteristic. It is designed to provide effective noise suppression across a wide frequency range, making it a "general-purpose" material for signal lines. --- ### 3. Circuit Application Commonly found in power supply lines and signal lines to prevent EMI, the MMZ2012Y121B is used in: * **Consumer Electronics:** Smartphones, tablets, and laptops. * **Peripherals:** Printers, monitors, and USB hubs. * **Filtering:** Reducing ripple in DC-to-DC converters and removing noise from clock lines. --- ### 4. Part Number Breakdown ```text MMZ 2012 Y 121 B | | | | |_ Packaging (B = Bulk / T = Taping) | | | |_ Impedance (120 Ohms: 12 followed by one zero) | | |_ Material Code (Y = Standard) | |_ Dimensions (2.0mm x 1.25mm) |_ Series Name (Multilayer Chip Bead) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the Y material and S material in TDK beads?
    • ⤷ Can this bead be used in high-current power rails?
    • ⤷ What are the recommended soldering profiles for the 0805 package?