Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MMF204-R-0R

  • AI
    The **MMF204-R-0R** is a specific type of electronic component known as a **MELF (Metal Electrode Leadless Face) Resistor**. These are high-precision, high-reliability surface-mount resistors typically used in demanding environments. --- ### 1. Part Number Breakdown The nomenclature usually follows specific manufacturer standards (likely Yageo or similar high-precision brands). | Component Segment | Meaning | Detail | | :--- | :--- | :--- | | **MMF** | Series Code | Metal Film MELF Resistor (Professional/High Stability) | | **204** | Case Size/Power | 0204 Size (approx. 3.5mm x 1.4mm), 0.4W rating | | **R** | T.C.R / Packing | Often denotes Reel packaging or Temperature Coefficient | | **0R** | Resistance Value | **0 Ohms** (Jumper/Link) | ### 2. Technical Specifications This specific part is a **Zero-Ohm Jumper**. It acts as a conductive bridge on a PCB. * **Type:** Metal Film MELF. * **Resistance:** 0 $\Omega$ (Jumper). * **Power Rating:** Typically 0.4W (at 70°C). * **Maximum Current:** Usually rated for 3A to 5A for the 0204 size. * **Operating Temperature:** -55°C to +155°C. * **Construction:** Cylindrical ceramic body with metal electrodes. ### 3. Key Advantages of MELF Design MELF resistors like the MMF204 offer several benefits over standard flat-chip resistors (like 0805 or 1206 packages): 1. **Thermal Dissipation:** The cylindrical shape provides a larger surface area for cooling. 2. **Pulse Load Capability:** Superior ability to handle energy surges compared to thick-film flat resistors. 3. **Stability:** High moisture resistance and excellent long-term stability. 4. **Mechanical Strength:** Better resistance to PCB bending/flexing stress. ### 4. Common Applications Since this is a **0-Ohm jumper**, it is used for: * **Circuit Configuration:** Allowing different hardware options on the same PCB layout. * **Bypassing:** Closing a circuit path that may only be needed in specific models. * **Manufacturing:** Using automated pick-and-place machines to install a "wire" where a standard resistor might otherwise go. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a MELF resistor and a standard SMD flat chip resistor?
    • ⤷ How do I calculate the maximum current for a 0-ohm MELF jumper?
    • ⤷ Can this part be used in automotive or high-vibration environments?