Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MMBD4148G-AE3-R

  • AI
    The **MMBD4148G-AE3-R** is a high-speed switching diode in a small surface-mount package. It is the SMD version of the classic 1N4148 signal diode, widely used in electronics for signal processing and high-speed switching. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Symbol | Value | Unit | | :--- | :---: | :---: | :---: | | **Reverse Voltage (Peak)** | $V_{RRM}$ | 100 | V | | **Continuous Forward Current** | $I_F$ | 200 | mA | | **Forward Voltage Drop** (at 10mA) | $V_F$ | 1.0 | V | | **Reverse Recovery Time** | $t_{rr}$ | 4.0 | ns | | **Power Dissipation** | $P_D$ | 225 | mW | | **Operating Temperature** | $T_j$ | -55 to +150 | °C | --- ### 2. Breakdown of the Part Number Understanding the nomenclature helps identify the manufacturer's specific variations (often UTC - Unisonic Technologies): * **MMBD4148**: The industry-standard base part number for the SOT-23 switching diode. * **G**: Typically indicates "Halogen Free" or "Green" compliance. * **AE3**: Refers to the **SOT-23** package type. * **R**: Indicates **Tape & Reel** packaging for automated pick-and-place assembly. --- ### 3. Physical Features & Internal Configuration The MMBD4148G is housed in a **SOT-23** (Small Outline Transistor) package. Despite having three leads, it usually contains a single diode: * **Pin 1:** Anode * **Pin 2:** No Connection (NC) or not used in standard single-diode versions. * **Pin 3:** Cathode --- ### 4. Typical Applications Due to its extremely fast recovery time (4ns), this diode is ideal for: 1. **High-Speed Switching:** Digital logic circuits where fast transitions are required. 2. **General Purpose Rectification:** Low-current AC to DC conversion. 3. **Signal Clamping:** Protecting sensitive IC inputs from voltage spikes. 4. **Reverse Polarity Protection:** Protecting low-power circuits from battery reversal. --- ### 5. Equivalent Alternatives If the MMBD4148G-AE3-R is unavailable, the following parts are functionally identical: * **1N4148W** (SOD-123 package) * **BAS16** (SOT-23, similar high-speed specs) * **MMBD914** (Very similar characteristics)
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 4ns reverse recovery time in high-frequency circuits?
    • ⤷ How does the SOT-23 thermal resistance affect its maximum power dissipation?
    • ⤷ Can this diode be used for power rectification in a 1A circuit?