Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MM1663G

  • AI
    ## Overview of the MM1663G The **MM1663G** is a high-performance, 3-input, 1-output video switch IC with a built-in 6dB amplifier and 75Ω driver. It is primarily designed for high-definition video signal switching in consumer electronics like DVD players, set-top boxes, and television sets. --- ### Technical Specifications The following table summarizes the key electrical characteristics of the MM1663G: | Feature | Specification | | :--- | :--- | | **Supply Voltage (Vcc)** | 4.75V to 5.25V | | **Frequency Response** | Up to 10MHz (Flat) | | **Voltage Gain** | 6.0 dB ± 0.3 dB | | **Crosstalk** | -60 dB (at 4.43 MHz) | | **Input Pins** | 3 Channels | | **Output Type** | 75Ω Driver | | **Package Type** | SOP-8 / SSOP-8 | --- ### Key Internal Components The MM1663G consists of several critical functional blocks integrated into a single silicon chip: 1. **Input Selector (Switch):** Logic-controlled gates that choose between three different video input sources (In1, In2, In3). 2. **6dB Amplifier:** Since video signals often lose strength through cables and switching circuitry, the internal amplifier doubles the signal level (6dB) to maintain signal integrity. 3. **75Ω Driver:** A specialized output stage capable of driving standard video cables directly without needing additional transistors. 4. **Clamp Circuit:** Ensures the video signal is "clamped" to a specific DC level to prevent brightness shifting or sync issues. --- ### Pin Configuration (SOP-8) | Pin No. | Symbol | Description | | :--- | :--- | :--- | | 1 | IN1 | Video Input 1 | | 2 | SW1 | Control Switch 1 | | 3 | IN2 | Video Input 2 | | 4 | SW2 | Control Switch 2 | | 5 | IN3 | Video Input 3 | | 6 | Vcc | Power Supply (5V) | | 7 | OUT | Video Output | | 8 | GND | Ground | --- ### Application Circuit Example When integrating the MM1663G, standard practice involves using decoupling capacitors to filter power supply noise and coupling capacitors for the video lines. ```c // Control Logic Table // SW1 | SW2 | Output // High| Low | IN1 // Low | High| IN2 // High| High| IN3 ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the typical power consumption levels for the MM1663G during operation?
    • ⤷ Can the MM1663G be used for high-definition (HD) signals above 1080p?
    • ⤷ What are the recommended values for the input and output coupling capacitors?