Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MLS-12-R

  • AI
    ### Overview of the MLS-12-R The **MLS-12-R** typically refers to a high-performance **Magnetic Linear Sensor** or a specific type of **Magnetic Proximity Switch** (depending on the specific manufacturer, often related to magnetic track following or industrial automation). In the context of automated guided vehicles (AGVs) or industrial sensing, these devices are designed to detect magnetic fields with high precision. --- ### Key Technical Specifications | Feature | Description | | :--- | :--- | | **Sensor Type** | Magnetic Flux / Hall Effect Array | | **Operating Voltage** | Typically 10V to 30V DC | | **Output Type** | Analog (0-5V or 4-20mA) or Digital (NPN/PNP) | | **Detection Distance** | Generally 10mm to 50mm (depending on magnet strength) | | **Enclosure Rating** | Often IP67 (Dust and Water resistant) | | **Response Time** | < 1ms to 5ms | --- ### Internal Electronic Components The MLS-12-R is composed of several critical electronic stages that allow it to function in harsh industrial environments: 1. **Sensing Element (Hall Effect Array):** The core consists of an array of Hall Effect sensors. These semiconductors change their output voltage in response to a magnetic field. 2. **Signal Conditioning (Op-Amps):** Because the raw signal from the Hall elements is very weak, internal Operational Amplifiers (Op-Amps) are used to boost the signal and filter out electromagnetic interference (EMI). 3. **Microcontroller (MCU) / Logic Gate:** Modern versions often contain a small MCU to process the "center point" of a magnetic track, allowing for high-resolution positioning data. 4. **Protection Circuitry:** * **Reverse Polarity Protection:** Prevents damage if the power wires are swapped. * **Surge Protection:** Protects against voltage spikes from industrial motors. * **Zener Diodes:** Used for voltage regulation and clamping. --- ### Wiring Configuration Most MLS-12-R units follow a standard industrial wiring color code: ```yaml Brown: Positive Supply (+VCC) Blue: GND / Common (0V) Black: Signal Output (Digital/NPN) White: Secondary Output or Analog Signal ``` ### Common Applications * **AGV Guidance:** Following magnetic tape laid on a warehouse floor. * **Positioning:** Detecting the exact stop point for elevators or robotic arms. * **Safety Interlocks:** Ensuring heavy machinery doors are closed via magnetic contact.
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for the MLS-12-R to avoid interference?
    • ⤷ How does the analog output of the MLS-12-R map to the distance from the magnetic track?
    • ⤷ What is the difference between the NPN and PNP output versions of this sensor?