ML4841CP
AI

The **ML4841CP** is a specialized integrated circuit designed primarily for **Power Factor Correction (PFC)** and **Pulse Width Modulation (PWM)** control. It is a high-performance, controller commonly used in switch-mode power supplies (SMPS) to improve efficiency and reduce harmonic distortion.
---
## 1. Core Functional Overview
The ML4841CP is a "Combo" controller. This means it integrates two distinct control stages into a single 16-pin package:
| Stage | Function | Description |
| :--- | :--- | :--- |
| **PFC Stage** | Power Factor Correction | Uses average current mode control to ensure the input current is in phase with the input voltage. |
| **PWM Stage** | DC-DC Conversion | Controls the secondary power stage (typically a forward or flyback converter) to provide regulated output voltage. |
---
## 2. Key Internal Components
The internal circuitry of the ML4841CP consists of several critical electronic building blocks:
### A. Average Current Mode PFC
Unlike simpler controllers, the ML4841CP uses **Average Current Mode**. This provides:
* Higher immunity to switching noise.
* Lower total harmonic distortion (THD).
* Better utilization of the power line.
### B. Synchronization Logic
A key feature of this IC is that the PFC and PWM stages are synchronized. This reduces the ripple current in the bulk capacitor, which allows for:
* Smaller capacitor sizes.
* Longer component lifespan due to reduced heat.
### C. Protection Circuitry
The chip includes several safety mechanisms to prevent failure:
* **Overvoltage Protection (OVP):** Shuts down the PFC if the output voltage exceeds safe limits.
* **Undervoltage Lockout (UVLO):** Ensures the chip only operates when the supply voltage ($V_{CC}$) is stable.
* **Current Limiting:** Protects the external MOSFETs from peak current damage.
---
## 3. Pinout Configuration (Common 16-Pin DIP)
Below are the primary pin functions for the ML4841CP:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **IEAO** | PFC Current Error Amplifier Output. |
| 2 | **IAC** | Input AC Current reference (used for sensing line shape). |
| 3 | **ISYS** | PFC Current Sense Input. |
| 4 | **VRMS** | Root-Mean-Square line voltage input for gain compensation. |
| 5 | **SS** | Soft Start for the PWM stage. |
| 11 | **PWM OUT** | Output drive signal for the DC-DC MOSFET. |
| 12 | **PFC OUT** | Output drive signal for the PFC MOSFET. |
| 13 | **VCC** | Positive supply voltage input. |
| 15 | **VREF** | Internal buffered reference voltage output. |
---
## 4. Technical Specifications
* **Package Type:** 16-Pin PDIP (Plastic Dual In-line Package).
* **Supply Voltage ($V_{CC}$):** Typically operates around 12V to 15V.
* **Start-up Current:** Low start-up current (approx. 200µA) to allow for efficient "trickle-charge" starting.
* **Operating Temperature:** 0°C to 70°C (Standard commercial range).
---
## 5. Application Circuit Diagram Concept
In a typical circuit, the ML4841CP sits between the bridge rectifier and the output transformer.
1. The **PFC MOSFET** is driven by Pin 12 to boost the rectified AC to a constant ~380V DC.
2. The **PWM MOSFET** is driven by Pin 11 to step down that DC voltage to the desired output (e.g., 12V or 5V).
---
- ⤷What is the difference between the ML4841 and the ML4824 series?
- ⤷ How do you calculate the VRMS resistor network for this IC?
- ⤷ What are the common failure modes of the ML4841CP in power supplies?