Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MHO324TAG-R

  • AI
    The **MHO324TAG-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Quartz Crystal Oscillator**. These components are fundamental in electronics for providing a stable clock signal or frequency reference for microprocessors, communication modules, and digital circuits. --- ## Technical Specifications Based on the standard nomenclature for the MHO series, here are the key technical parameters: | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) | | **Package Type** | SMD (Surface Mount Device) | | **Package Size** | 3.2mm x 2.5mm (approximate for the 324 series) | | **Frequency Stability** | ±25ppm to ±100ppm (Varies by grade) | | **Operating Voltage** | 1.8V, 2.5V, or 3.3V (Model dependent) | | **Output Type** | CMOS / HCMOS | | **Pin Count** | 4 Pins | --- ## Internal Components & Architecture The MHO324TAG-R is an "active" oscillator, meaning it integrates several internal parts into a single package: 1. **Quartz Crystal Blank:** A precision-cut synthetic quartz piece that vibrates at a specific frequency via the piezoelectric effect. 2. **Oscillator IC:** A miniature integrated circuit that drives the crystal and maintains the oscillation. 3. **Load Capacitors:** Internal capacitors required to tune the crystal to the correct resonant frequency. 4. **Hermetic Seal:** A metal or ceramic lid that protects the internal quartz from moisture and atmospheric pressure changes. --- ## Pin Configuration (Typical 4-Pin Layout) Standard SMD oscillators like the MHO series follow a universal pinout to ensure PCB compatibility: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **OE or NC** | Output Enable (High = Active) or No Connection. | | **2** | **GND** | Electrical Ground. | | **3** | **Output** | The generated clock frequency signal. | | **4** | **Vdd** | Power Supply Voltage. | --- ## Key Applications Because of its small footprint and stable output, this part is commonly found in: * **IoT Devices:** Providing timing for Wi-Fi or Bluetooth chips. * **Consumer Electronics:** Cameras, tablets, and smart home hubs. * **Industrial Automation:** Controllers and embedded systems requiring a steady heartbeat for data processing. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency rating for the 'TAG-R' suffix in this series?
    • ⤷ How does an active oscillator differ from a passive crystal in a circuit design?
    • ⤷ What are the soldering temperature requirements for this SMD package?