Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MHO+67FDG-R

  • AI
    Based on the part number provided, **MHO+67FDG-R** appears to be a specific designation within the **MHO series** of metal film resistors, likely manufactured by companies like **RoyalOhm** or similar electronic component providers. --- ## 1. Technical Specifications Table The alphanumeric code describes the physical and electrical characteristics of the resistor. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Metal Film Resistor | High stability, low noise precision resistor. | | **Series** | MHO | High-power/Metal Oxide style (High-density). | | **Power Rating** | 0.6W to 1W | Depending on the specific sub-series size. | | **Tolerance** | ±1% or ±0.5% | The "F" often denotes a 1% tolerance. | | **Resistance Value** | 6.7 $\Omega$ | Decoded from the numeric string (R=decimal). | | **Packaging** | Tape & Reel (R) | The "R" suffix typically indicates reel packaging. | --- ## 2. Deep Dive into Electronic Properties ### Metal Film Technology Unlike standard carbon resistors, metal film resistors (MHO series) are created by depositing a thin layer of metal onto a ceramic rod. * **Precision:** They offer much tighter tolerances than carbon composition resistors. * **Temperature Coefficient (TCR):** They have a low TCR, meaning the resistance value changes very little as the component heats up. * **Low Noise:** Ideal for audio circuits and high-frequency applications because they generate minimal thermal noise. ### Power Dissipation The "MHO" designation usually refers to a "Miniature High-Output" or "Metal High-Oxide" construction. This allows a smaller physical body to handle higher wattage (e.g., a resistor the size of a 1/4W unit might be rated for 0.6W). --- ## 3. Usage and Applications These parts are commonly found in: 1. **Audio Equipment:** To maintain signal integrity and low background hiss. 2. **Precision Measurement:** Used in sensor bridges where accuracy is critical. 3. **Industrial Controls:** Where temperature fluctuations are common and stability is required. --- ## 4. Example Component Marking Code If you were to look at the resistor body, the color bands or text would represent: ```text Value: 6.7 Ohms Tolerance: ±1% (Brown band or 'F' designation) Material: Metal Film (Blue or Grey body color) ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent substitutes for the MHO series if this specific part is out of stock?
    • ⤷ How do I calculate the power derating for this resistor at high temperatures?
    • ⤷ Can this resistor be used in high-voltage pulse applications?