MHO+52FGG-R
AI

The **MHO+52FGG-R** is a specific type of **Crystal Oscillator** manufactured by MtronPTI. It is a high-precision frequency control component used to provide a stable clock signal for electronic circuits.
---
### 1. Key Specifications
Based on the part numbering system for the MHO series, here are the technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Package Style** | 14-pin DIP (Full Size) - Often 4 pins connected |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage** | +5.0 VDC |
| **Stability** | Generally ±50 ppm or ±100 ppm (depending on suffix) |
| **Operating Temperature** | 0°C to +70°C (Standard Commercial) |
| **RoHS Status** | Compliant (Indicated by "-R") |
---
### 2. Breakdown of the Part Number
To understand the electronic capabilities, we can deconstruct the code:
* **MHO**: Represents the Series (Metal Thru-Hole Oscillator).
* **+**: Usually denotes a specific lead-free/RoHS enhancement or a custom variation.
* **5**: Indicates the voltage rating (5V).
* **2**: Often indicates the stability/temperature coefficient (e.g., ±50ppm).
* **F**: Frequency stability/Output symmetry code (typically 45/55% duty cycle).
* **GG**: Specific internal code for package/pinout configuration.
* **R**: **RoHS Compliant**. This ensures the part is manufactured without lead or other hazardous substances.
---
### 3. Internal Components & Operation
Inside the metal "can" of the MHO+52FGG-R, there are several key electronic elements:
1. **Quartz Crystal Slice**: The "heart" of the component that vibrates at a specific frequency via the piezoelectric effect.
2. **Oscillator IC**: A small silicon chip that provides the necessary gain to maintain oscillation and buffers the output signal.
3. **Bypass Capacitor**: Internal capacitance to filter noise from the DC power supply.
4. **Hermetic Seal**: The metal housing is filled with an inert gas (like Nitrogen) to prevent the quartz from oxidizing, ensuring long-term frequency stability.
---
### 4. Typical Pin Configuration
For a standard 14-pin DIP footprint (where only 4 pins are active):
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or Tri-state | No connection or Output Enable/Disable |
| **7** | GND | Circuit Ground |
| **8** | Output | The generated clock signal (Square Wave) |
| **14** | Vcc | +5V Power Supply |
---
### 5. Common Applications
* **Microprocessors**: Providing the master clock for CPUs.
* **Networking**: Synchronization in Ethernet or switching hardware.
* **Industrial Control**: Timing for PLC (Programmable Logic Controllers).
* **Legacy Systems**: Often found in older computing hardware or high-reliability industrial boards that require through-hole mounting.
- ⤷
What is the exact frequency of your specific MHO+52FGG-R unit?
- ⤷ How do I test if a crystal oscillator is functioning correctly using an oscilloscope?
- ⤷ What are the advantages of a through-hole (DIP) oscillator over an SMD version?