MHO+38FGD-R
AI

The **MHO+38FGD-R** refers to a high-performance **Mini PC** motherboard or complete system, typically utilized in industrial or gaming environments. This specific hardware is known for its high-speed networking capabilities and high-bandwidth memory support.
---
## 1. Core Technical Specifications
The "MHO" series is often associated with Topton or similar OEM manufacturers specializing in small form factor (SFF) hardware.
| Component | Description / Specification |
| :--- | :--- |
| **CPU Support** | Typically features Intel 12th or 13th Gen Core processors (e.g., i7-12650H or i9-13900H). |
| **Memory (RAM)** | Dual-channel **LPDDR5** or **DDR5** slots, often supporting up to 4800MHz - 5200MHz. |
| **Storage** | 2x M.2 2280 PCIe 4.0 x4 SSD slots. |
| **Networking** | 4x Intel **i226-V 2.5G** Ethernet ports (standard for "R" designated routing models). |
| **Graphics** | Integrated Intel Iris Xe Graphics. |
---
## 2. Key Electronic Features
### A. Power Delivery System (VRM)
The motherboard utilizes a multi-phase **Voltage Regulator Module (VRM)** to handle the high TDP (Thermal Design Power) of mobile H-series processors.
* **MOSFETs:** High-efficiency surface-mount power stages to minimize heat.
* **Capacitors:** Solid-state polymer capacitors for longevity under 24/7 operation.
### B. Networking Architecture
The "48FGD-R" variant is specifically designed for networking applications (Soft Routers/Firewalls).
* **Controller:** 4x Intel i226-V controllers.
* **Bus:** Each controller is typically connected via a dedicated PCIe lane to ensure full 2.5Gbps throughput without bottlenecking.
### C. Thermal Management
Due to the compact nature of the electronic parts:
* **Active Cooling:** A PWM-controlled fan connected via a 4-pin header.
* **Heatsinks:** Copper vapor chambers or thick aluminum fins are usually bolted directly to the CPU and VRMs.
---
## 3. Connectivity & I/O Layout
The electronic layout of the board is optimized for high-speed data transfer:
* **USB4 / Thunderbolt:** Includes a Type-C port capable of 40Gbps and PD (Power Delivery).
* **Video Output:** 2x HDMI 2.1 and 1x DisplayPort 1.4, supporting triple 4K displays.
* **Internal Headers:**
* SATA 3.0 (often via a ribbon cable).
* USB 2.0 internal headers for expansion.
---
## 4. Typical Usage Scenarios
1. **Home Lab / Virtualization:** Running Proxmox or ESXi due to the high core count and RAM capacity.
2. **Advanced Routing:** Using pfSense or OPNsense to utilize the four 2.5G Intel NICs.
3. **Edge Computing:** Industrial automation where small footprints and high processing power are required.
- ⤷
What are the power requirements (DC input) for the MHO+38FGD-R?
- ⤷ Does this model support ECC memory for server-grade stability?
- ⤷ How do the Intel i226-V NICs compare to the older i225-V version?