Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MHO+38FFD-R

  • AI
    The **MHO+38FFD-R** refers to a specific series of high-power, industrial-grade **Power Relays**. These are electromagnetic switches used to control a high-voltage or high-current circuit using a low-power signal. --- ### 1. Component Specifications Based on the standard nomenclature for this series, here are the technical specifications: | Feature | Specification | | :--- | :--- | | **Component Type** | Electromagnetic Power Relay | | **Contact Form** | 1 Form C (SPDT - Single Pole Double Throw) | | **Max Switching Current** | 30A to 40A (depending on voltage) | | **Coil Voltage (Standard)** | Typically 12VDC or 24VDC | | **Contact Material** | Silver Alloy (AgSnO2 or AgCdO) | | **Mounting Type** | PCB Mount or Quick-Connect Terminals | --- ### 2. Breakdown of the Model Name While manufacturers vary slightly, the alphanumeric code usually breaks down as follows: * **MHO:** Manufacturer series designation (often associated with high-load automotive or industrial relays). * **38F:** The physical frame size/standard (similar to the T90 or JQX-15F footprint). * **FD:** Indicates the sealing type (usually "Flux-protected" or "Plastic Sealed"). * **R:** Often denotes **RoHS compliance** or a specific resistor/diode internal protection for the coil. --- ### 3. Key Electronic Functions The MHO+38FFD-R operates through three primary stages: 1. **The Coil (Input):** When current flows through the copper coil, it creates a magnetic field. 2. **The Armature (Mechanism):** The magnetic field pulls a metal lever (armature) toward the core. 3. **The Contacts (Output):** The movement of the armature closes (or opens) the high-power contacts, allowing current to flow to the heavy load (like a motor or heater). --- ### 4. Typical Applications Due to its high amperage rating (up to 40A), this part is commonly found in: * **HVAC Systems:** Controlling compressors and fan motors. * **Automotive Electronics:** Powering headlamps, fuel pumps, and cooling fans. * **Industrial Automation:** Actuating heavy-duty solenoids or heaters. * **Domestic Appliances:** Washing machines and microwave ovens. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'Open' and 'Sealed' versions of this relay?
    • ⤷ How do I calculate the flyback diode needed for this relay's coil?
    • ⤷ Can this relay be used for AC and DC switching simultaneously?