Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MH45FDG-R

  • AI
    The **MH45FDG-R** is a specific electronic component primarily identified as a **Brushless DC (BLDC) Fan Motor**. These components are widely used in cooling systems for consumer electronics, industrial equipment, and thermal management. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the likely technical parameters: | Parameter | Description | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Input Voltage** | Typically 12V or 24V DC (Model dependent) | | **Bearing Type** | Often uses Fluid Dynamic Bearings (FDB) or Dual Ball Bearings | | **Protection** | Polarity protection and locked rotor protection | | **Housing Material** | Thermoplastic PBT (UL94V-0) | --- ### 2. Core Electronic Parts and Functions A BLDC fan like the MH45FDG-R is not just a motor; it contains an integrated circuit (IC) board to manage its operation. #### A. The Stator and Rotor * **Stator:** Consists of copper wire windings (coils). When current passes through these coils, they create an electromagnetic field. * **Rotor:** A permanent magnet assembly (usually a ring magnet) attached to the fan blades. The interaction between the stator's field and the rotor's magnet creates motion. #### B. The Driver IC (The "Brain") Unlike brushed motors, this fan requires electronic commutation. The internal PCB contains: * **Hall Effect Sensor:** Detects the position of the rotor magnets to tell the controller when to switch the current in the coils. * **Commutation Logic:** Switches the DC power between different coils to maintain continuous rotation. #### C. Safety Components * **Reverse Polarity Diode:** Prevents the circuit from burning out if the positive and negative wires are connected backwards. * **Zener Diodes/TVS:** Protects the internal sensitive electronics from voltage spikes or "back EMF." --- ### 3. Wiring Configuration The "R" suffix often denotes a specific wiring or signal output. Common wire colors and their functions include: 1. **Red (+):** Positive DC power supply. 2. **Black (-):** Ground/Negative. 3. **Yellow/White (Signal):** Often used for **FG (Frequency Generator)** or Tachometer output to monitor RPM. 4. **Blue (Control):** Sometimes used for **PWM (Pulse Width Modulation)** to control the speed of the fan via the motherboard/controller. --- ### 4. Applications * **Server Cooling:** High-reliability cooling for 24/7 operations. * **Power Supplies:** Removing heat from high-wattage switching components. * **Industrial Automation:** Cooling for PLC cabinets and motor drives.
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage rating for the MH45FDG-R model?
    • ⤷ How do I interpret the 'R' suffix in the part number?
    • ⤷ What are the dimensions (in mm) of this specific fan unit?