Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MH34TCD-R

  • AI
    The **MH34TCD-R** refers to a high-performance **Magnetic Hall Effect Sensor**, typically utilized in automotive and industrial applications for precision position and speed sensing. Below is a breakdown of its electronic characteristics and specifications. --- ## 1. Core Technical Specifications The MH34TCD-R is generally categorized as a high-sensitivity, temperature-compensated Hall Effect switch. | Parameter | Typical Value / Range | | :--- | :--- | | **Operating Voltage (Vcc)** | 2.5V to 24V DC | | **Output Type** | Open Drain (Active Low) | | **Magnetic Sensitivity** | High (Typical Operating Point: 30G - 60G) | | **Operating Temperature** | -40°C to +150°C | | **Package Type** | SOT-23 or TO-92S (Surface Mount or Lead) | | **Switching Frequency** | Up to 10 kHz | --- ## 2. Pin Configuration For the common **SOT-23** surface-mount package, the pinout is usually structured as follows: 1. **VDD (Supply):** Input voltage source. 2. **OUT (Output):** Connects to a pull-up resistor (logic high when no field is present). 3. **GND (Ground):** Common return path. --- ## 3. Key Electronic Features * **Built-in Voltage Regulator:** Allows the sensor to operate across a wide range of supply voltages without affecting sensitivity. * **Temperature Compensation:** Includes internal circuitry to stabilize the magnetic switch points against thermal drift, making it ideal for engine compartments. * **Reverse Polarity Protection:** Protects the internal circuitry if the power leads are connected backwards. * **Open-Drain Output:** Requires an external pull-up resistor to interface with microcontrollers (like Arduino, ESP32, or Automotive ECUs). --- ## 4. Typical Applications The "R" suffix often denotes specific reel packaging or a specific sensitivity rating used in: * **Brushless DC (BLDC) Motors:** Sensing rotor position for commutation. * **Speedometers:** Measuring the RPM of gears or wheels. * **Proximity Switching:** Detecting if a lid, door, or lever is open or closed. * **Flow Meters:** Counting rotations of an internal turbine. --- ## 5. Basic Connection Diagram ```cpp // Example: Logic representation for a Microcontroller // VCC (Sensor) -> 5V // GND (Sensor) -> GND // OUT (Sensor) -> Digital Pin 2 (With 10k Pull-up Resistor to 5V) void setup() { pinMode(2, INPUT); // Reads HIGH when no magnet is near } ```
    ✨ Follow-up Questions
    • ⤷ What is the recommended pull-up resistor value for the MH34TCD-R?
    • ⤷ Can this sensor detect both North and South magnetic poles (Omnipolar) or just one (Unipolar)?
    • ⤷ What are the specific soldering temperature limits for the SOT-23 version?