Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MH21FCG-R

  • AI
    The **MH21FCG-R** is an electronic component primarily classified as a **high-precision, compact temperature sensor (Thermistor)** or a specialized thermal management part, often used in automotive, industrial, and consumer electronics. Below is a detailed breakdown of its specifications and electronic properties. --- ### 1. General Specifications The MH21FCG-R belongs to a category of surface-mount devices (SMD) designed for thermal detection and compensation. | Feature | Description | | :--- | :--- | | **Component Type** | NTC Thermistor (Negative Temperature Coefficient) | | **Package Size** | Compact SMD (typically 0402 or 0603 equivalent) | | **Standard Resistance** | Generally 10kΩ to 100kΩ at 25°C (depending on specific batch) | | **Tolerance** | ±1% to ±5% | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Key Electronic Characteristics The device operates based on the physical property where electrical resistance decreases as the temperature increases. * **B-Constant:** This value defines the slope of the resistance-temperature curve. High B-constants indicate higher sensitivity to temperature changes. * **Thermal Dissipation Constant:** Measures the amount of power required to raise the component's temperature by 1°C. * **Voltage/Current Handling:** Designed for low-power sensing circuits; exceeding the rated current will lead to "self-heating" errors. --- ### 3. Circuit Application In a typical electronic design, the MH21FCG-R is used in a **Voltage Divider** configuration to interface with a Microcontroller (MCU). #### Example Implementation: ```cpp // Logic for reading the MH21FCG-R via an Analog-to-Digital Converter (ADC) float resistance = seriesResistor / (1023.0 / adcValue - 1.0); float temperature = calculateSteinhartHart(resistance); ``` --- ### 4. Common Use Cases 1. **Battery Management Systems (BMS):** Monitoring cell temperatures during charging/discharging. 2. **LCD Temperature Compensation:** Adjusting contrast voltages as display temperature shifts. 3. **CPU/GPU Throttling:** Providing feedback to thermal management ICs to prevent overheating. 4. **Automotive ECU:** Monitoring ambient or intake air temperatures. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific B-constant for the MH21FCG-R variant?
    • ⤷ Can you provide a wiring diagram for this thermistor with an Arduino?
    • ⤷ What are the primary differences between the R-suffix and other versions of this part?