Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MH15FCG-R

  • AI
    The **MH15FCG-R** is a specialized high-voltage silicon rectifier diode, typically utilized in industrial, scientific, and high-frequency power supply applications. --- ## 1. Technical Specifications The following table outlines the primary electrical characteristics of the MH15FCG-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | High Voltage Rectifier Diode | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 15,000 Volts (15kV) | | **Average Forward Current ($I_{F(AV)}$)** | ~500mA - 1A (Package dependent) | | **Reverse Recovery Time ($t_{rr}$)** | Fast Recovery (<100ns typical) | | **Mounting Type** | Through-Hole | --- ## 2. Key Features * **High Voltage Capability:** Specifically designed to handle potential differences up to 15kV, making it suitable for high-tension circuits. * **Fast Recovery:** The "FCG" designation often refers to fast recovery characteristics, which minimize power loss during high-frequency switching. * **High Reliability:** Built using multi-junction silicon stacks to ensure stability under high thermal and electrical stress. --- ## 3. Common Applications Due to its high voltage rating, this part is commonly found in: 1. **X-Ray Power Supplies:** Managing the high voltage required for vacuum tubes. 2. **Laser Systems:** Powering gas or solid-state laser excitation circuits. 3. **Electrostatic Precipitators:** Used in industrial air filtration to charge dust particles. 4. **CRT Monitors/TVs:** In older cathode ray tube flyback transformers (legacy use). --- ## 4. Handling and Safety Precautions Because this component operates at **15,000 Volts**, specific engineering protocols must be followed: * **Creepage and Clearance:** Ensure sufficient physical distance between leads to prevent air arcing. * **Potting/Insulation:** These diodes are often encased in epoxy or silicone oil to prevent corona discharge. * **Discharge:** Always ensure high-voltage capacitors in the circuit are fully discharged before touching the component.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the MH15FCG-R?
    • ⤷ How does the reverse recovery time affect its efficiency in switching power supplies?
    • ⤷ What is the maximum operating temperature for this high-voltage diode?