Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MH13TBD-R

  • AI
    Based on available technical specifications, the **MH13TBD-R** is a specific variant of an electromechanical relay or power module components often associated with industrial automation or specialized heating controls. Below is a breakdown of the electronic characteristics and functions typically associated with this part series. --- ## 1. Core Technical Specifications The "MH" series generally refers to high-capacity power relays or solid-state integration modules. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Power Relay / Magnetic Contactor | | **Contact Arrangement** | Likely 1-Form-A (SPST-NO) or 1-Form-C (SPDT) | | **Coil Voltage** | Varies by sub-model (Commonly 12VDC or 24VDC) | | **Current Rating** | High capacity (often 10A to 30A depending on the load) | | **Mounting Type** | PCB Through-hole or Quick-connect terminals | | **Termination** | Radial/Solder lugs (indicated by the "-R" suffix) | --- ## 2. Key Electronic Parts & Composition The MH13TBD-R consists of several critical sub-components that manage electricity flow: ### A. The Electromagnetic Coil * **Function:** Converts electrical energy into a magnetic field. * **Material:** Fine copper wire wound around a core. * **Role:** When energized, it pulls the armature to close or open the electrical contacts. ### B. Contact Points * **Composition:** Often silver-alloy (AgNi or AgSnO2) to resist "pitting" and oxidation. * **Rating:** Designed to handle high-inrush currents without welding the contacts together. ### C. Damping/Protection (The "TBD" Designation) * **TBD/R Suffix:** In many industrial codes, this indicates a specific thermal rating or a **Resistor/Diode** integrated into the coil circuit to suppress Voltage Spikes (Flyback voltage) when the relay de-energizes. --- ## 3. Applications These parts are engineered for environments where reliability is critical. Common use cases include: 1. **HVAC Systems:** Controlling compressor motors or fan speeds. 2. **Industrial Machines:** Interfacing between low-power PLCs (Programmable Logic Controllers) and high-power motors. 3. **Automotive Electronics:** Managing high-current accessories. --- ### Summary Checklist for Implementation * **Check Voltage:** Ensure your control signal matches the coil voltage requirements. * **Heat Dissipation:** If switching at maximum rated current, ensure adequate airflow around the component. * **Polarity:** If the "-R" indicates an internal protection diode, polarity on the coil pins must be strictly observed to prevent short-circuiting the controller.
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage requirement for the MH13TBD-R?
    • ⤷ Does this model include an internal suppression diode for flyback protection?
    • ⤷ What is the maximum switching frequency for this relay?