Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MGP50S-R100-F

  • AI
    The **MGP50S-R100-F** is a precision metal film resistor designed for high-stability applications. It belongs to a class of components known as "Miniature Metal Film Resistors," often used when space is limited but high accuracy is required. ### 1. Part Number Breakdown To understand the electronic characteristics, we can decode the part number (typical of manufacturers like RCD Components): | Segment | Code | Meaning | | :--- | :--- | :--- | | **Series** | MGP50S | Miniature Metal Film Resistor, 0.5W (1/2W) power rating | | **Resistance** | R100 | 0.100 Ohms ($0.1\Omega$) | | **Tolerance** | F | $\pm 1\%$ Accuracy | --- ### 2. Key Specifications The electronic behavior of this part is defined by its thermal stability and physical construction: * **Resistance Value:** $0.1\Omega$. This is a very low resistance value, commonly used for current sensing or Shunt applications. * **Power Rating:** $0.5$ Watts (1/2W) at $70^\circ C$. Despite its "S" (Small/Miniature) size, it can dissipate half a watt of heat. * **Temperature Coefficient (TCR):** Usually ranges from $\pm 50ppm/^\circ C$ to $\pm 100ppm/^\circ C$, ensuring the resistance doesn't drift significantly as it heats up. * **Dielectric Withstanding Voltage:** Typically 300V to 500V depending on the specific coating. --- ### 3. Construction and Materials The MGP50S series uses a specific manufacturing process to ensure reliability: 1. **Core:** A high-grade ceramic rod. 2. **Resistive Layer:** A thin film of metal alloy (typically Nickel-Chromium) is vacuum-deposited onto the core. 3. **Adjustment:** A helical groove is cut into the film using a laser to bring the resistance to the exact $0.1\Omega$ value. 4. **Coating:** Encapsulated in a multi-layer epoxy or flameproof coating for environmental protection. --- ### 4. Common Applications Due to its low resistance ($0.1\Omega$) and high precision ($\pm 1\%$), this part is frequently found in: * **Current Sensing:** Measuring the voltage drop across the resistor to determine current flow in a circuit. * **Power Supplies:** Feedback loops and protection circuits. * **Audio Equipment:** High-fidelity signal paths where low noise is critical. * **Voltage Dividers:** Where specific, stable ratios are required. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a metal film and a carbon film resistor?
    • ⤷ How do I calculate the voltage drop across this R100 resistor at 1 Amp?
    • ⤷ Can this resistor be used in high-frequency pulse applications?