Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MGP50P-R100-D

  • AI
    The **MGP50P-R100-D** is a specialized electronic component, specifically a **High-Precision Power Metal Film Resistor**. It is designed for applications where high stability, low resistance, and high power dissipation are required. Below is a detailed breakdown of its specifications and electronic characteristics. --- ## 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Power Metal Film Resistor | | **Resistance Value** | 0.1 $\Omega$ (R100) | | **Tolerance** | $\pm 0.5\%$ (D) | | **Power Rating** | 0.5 Watts (at 70°C) | | **Series** | MGP50 (Miniature Power) | | **Termination Style** | Axial Leaded | | **Temperature Coefficient** | Usually ±50ppm/°C or ±100ppm/°C (Series dependent) | --- ## 2. Part Number Breakdown Understanding the nomenclature helps in identifying the specific electronic behavior of this part: * **MGP50**: The series identifier. "MGP" denotes a Miniature Power Metal Film resistor, and "50" typically indicates the power rating (0.5W). * **P**: Often indicates a specific lead style or coating (Standard Power). * **R100**: The resistance value. In electronic coding, "R" acts as the decimal point. Therefore, **R100 = 0.100 $\Omega$**. * **D**: The tolerance code. **D represents ±0.5%**. This signifies a high-precision component compared to standard ±5% resistors. --- ## 3. Key Electronic Characteristics ### Low Resistance Value At **0.1 $\Omega$**, this resistor is primarily used for **current sensing**. By measuring the voltage drop across this resistor ($V = I \times R$), a circuit can determine the amount of current flowing through a branch without significantly impeding the flow. ### Metal Film Technology Unlike carbon film, metal film resistors offer: * **Lower Noise:** Reduced thermal and current noise. * **Better Stability:** Resistance remains stable across varying temperatures and voltages. * **Precision:** Allows for the tight 0.5% tolerance. ### Power Dissipation Despite its small physical size (miniature), it is rated for **0.5 Watts**. It is designed to handle more heat than a standard 1/4W resistor, making it suitable for power supply circuits. --- ## 4. Typical Applications 1. **Current Shunt:** Used in DC-DC converters to monitor output current. 2. **Feedback Loops:** Used in precision power supplies to maintain voltage regulation. 3. **Audio Equipment:** Used in the output stages of amplifiers where low noise and high stability are critical. 4. **Battery Management Systems (BMS):** Measuring charge and discharge rates. ---
    ✨ Follow-up Questions
    • ⤷ What is the physical size/dimensions of the MGP50 series package?
    • ⤷ Can this resistor be used in high-frequency pulse applications?
    • ⤷ What are the alternative tolerance codes for the MGP series?