MGFS304805-R
AI

The **MGFS304805-R** is a high-reliability, isolated DC-DC converter manufactured by **Cosel**. It belongs to the MGFS series, which is specifically designed for space-saving applications requiring high efficiency and wide input voltage ranges.
---
### 1. Key Technical Specifications
The model name follows a specific nomenclature that defines its core parameters:
| Parameter | Specification |
|:---|:---|
| **Input Voltage Range** | 18V to 76V DC (Wide 4:1 range) |
| **Output Voltage** | 5V DC |
| **Output Current** | 6.0 Amps |
| **Total Power** | 30 Watts |
| **Efficiency** | 89% (Typical) |
| **Isolation Voltage** | 1,500V DC (1 minute) |
| **Package Style** | 1" x 1" Industry Standard Footprint |
---
### 2. Physical and Design Features
* **Compact Footprint:** It uses a high-density 1" x 1" design, significantly reducing board space compared to older 30W converters.
* **Protection Circuitry:**
* **Overcurrent Protection (OCP):** Automatically recovers when the fault is removed.
* **Overvoltage Protection (OVP):** Protects the load from voltage spikes.
* **Thermal Protection:** Shuts down the unit if internal temperatures exceed safety limits.
* **Six-Sided Shielding:** The unit is encased in a metal shield to minimize Electromagnetic Interference (EMI).
---
### 3. Pin Configuration and Functions
The MGFS304805-R typically features the following pins:
| Pin Number | Name | Function |
|:---:|:---|:---|
| 1 | +VIN | Positive Input Voltage |
| 2 | -VIN | Negative Input Voltage |
| 3 | RC | Remote Control (ON/OFF) |
| 4 | +VOUT | Positive Output Voltage |
| 5 | TRM | Output Voltage Trimming (Adjustment) |
| 6 | -VOUT | Negative Output Voltage |
---
### 4. Implementation Details
#### Remote ON/OFF (RC Pin)
The device can be controlled externally. By applying a signal to the RC pin relative to the -VIN, the converter can be powered down into a low-power standby mode without disconnecting the main input.
#### Output Trimming (TRM Pin)
Users can adjust the output voltage (typically $\pm10\%$) by connecting an external resistor between the TRM pin and either the +VOUT or -VOUT pins. This is useful for compensating for voltage drops in long PCB traces.
---
- ⤷
What are the recommended external capacitors for reducing ripple in the MGFS304805-R?
- ⤷ Can this DC-DC converter be used in parallel for higher power output?
- ⤷ What is the derating curve for this part at high ambient temperatures?