MGFS154812-R
AI

## Overview of MGFS154812-R
The **MGFS154812-R** is a high-reliability, isolated DC-DC converter manufactured by **Cosel**. It belongs to the MGFS series, which is designed for high power density and wide input voltage ranges in a compact 1x1 inch footprint.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Power** | 15 Watts |
| **Input Voltage Range** | 18V to 76V DC (4:1 wide input) |
| **Output Voltage** | 12V DC |
| **Output Current** | 1.3A |
| **Efficiency** | ~89% (Typical) |
| **Isolation Voltage** | 1,500V DC (1 minute) |
| **Package / Case** | 1" x 1" Through-hole (DIP) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Core Functional Components
The internal architecture of the MGFS154812-R consists of several critical electronic stages:
1. **Input Filter:** Includes internal capacitors and inductors to reduce reflected ripple current and provide electromagnetic interference (EMI) suppression.
2. **Switching Controller:** A high-frequency PWM (Pulse Width Modulation) controller that regulates the energy transfer based on load requirements.
3. **Isolation Transformer:** Provides the galvanic isolation (1.5kV) between the high-voltage input side and the 12V output side.
4. **Rectification & Smoothing:** Synchronous rectification (or high-efficiency diodes) and LC filtering ensure a stable 12V DC output with low ripple and noise.
5. **Feedback Loop:** An optocoupler-based feedback system monitors the output voltage and adjusts the switching frequency/duty cycle to maintain regulation.
---
### 3. Protection & Special Features
* **Overcurrent Protection (OCP):** Automatically recovers after the fault condition is removed (Hiccup mode).
* **Overvoltage Protection (OVP):** Clamps the output to prevent damage to the connected load.
* **Remote ON/OFF:** Allows the converter to be toggled electronically without breaking the main power line.
* **Voltage Trimming:** The output can be adjusted (typically ±10%) using an external resistor.
* **Six-sided Shielding:** The metal case provides 360-degree EMI shielding, reducing radiated noise.
---
### 4. Typical Connection Diagram
```text
Input (18-76V) Output (12V)
+------------------------------------------+
| [ +Vin ] -------------------- [ +Vout ] |
| |
| [ RC ] --- (Remote Sw) [ TRIM ] |
| |
| [ -Vin ] -------------------- [ -Vout ] |
+------------------------------------------+
```
---
### 5. Application Areas
* **Industrial Automation:** Powering sensors and PLCs.
* **Telecommunications:** Distributed power architectures.
* **Test & Measurement:** Providing clean, isolated power to sensitive instrumentation.
* **Battery Operated Equipment:** Handling wide discharge voltage ranges of battery banks.
- ⤷
What are the specific resistor values needed for the TRIM function?
- ⤷ How does the efficiency curve change at low load conditions?
- ⤷ What external components are recommended to meet Class A EMI standards?