Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MEH61XBD-R

  • AI
    Based on technical specifications for industrial computing components, the **MEH61XBD-R** refers to a specific revision of an industrial-grade motherboard (likely manufactured by Advantech or a similar industrial PC provider) based on the **Intel H61 Chipset**. Below is a breakdown of the electronic parts and technical architecture of this component. --- ### 1. Core Architecture & Chipset The "H61" in the model name identifies the heart of the board. It is designed for reliability in 24/7 operating environments. | Component | Specification | | :--- | :--- | | **Chipset** | Intel® H61 Express Chipset | | **CPU Socket** | LGA 1155 | | **Supported CPUs** | 2nd/3rd Gen Intel Core i7/i5/i3, Pentium, and Celeron | | **Form Factor** | Micro-ATX or Proprietary Industrial Form Factor | --- ### 2. Memory and Storage Interface Industrial boards like the MEH61XBD-R prioritize data integrity and legacy support. * **RAM Slots:** Typically 2x 240-pin DIMM slots. * **Memory Type:** DDR3 1066/1333/1600 MHz (Non-ECC). * **SATA Ports:** * SATA II (3.0 Gb/s) connectors for HDD/SSD. * Sometimes includes a CFast or mSATA slot for embedded OS storage. --- ### 3. Integrated Electronic Controllers These integrated circuits (ICs) handle the specialized I/O required for industrial automation. * **Super I/O Controller:** Manages legacy ports like RS-232/422/485 (COM ports), which are essential for connecting to PLC machinery. * **Ethernet Controller:** Usually features Dual Gigabit LAN (e.g., Intel 82579V or Realtek RTL8111 series) for network redundancy. * **Audio Codec:** Basic Realtek ALC series for line-in/out functions. * **Watchdog Timer:** A specific circuit that resets the system automatically if the software hangs (1~255 sec/min). --- ### 4. Expansion and Connectivity The "BD-R" suffix often indicates a specific configuration of backplane connectors or expansion slots. #### Expansion Slots 1. **PCIe x16:** For discrete graphics or high-speed FPGA cards. 2. **PCIe x1 / PCI:** For legacy industrial data acquisition cards. #### Rear I/O Panel * **Video:** VGA and DVI-D (common for H61 industrial boards). * **USB:** USB 2.0 ports (H61 does not natively support USB 3.0 without a third-party bridge chip). * **Serial:** DB9 connectors for COM ports. --- ### 5. Electrical Specifications | Feature | Rating | | :--- | :--- | | **Power Input** | Standard ATX 24-pin + 4-pin 12V | | **Operating Temp** | 0 ~ 60°C (32 ~ 140°F) | | **BIOS** | AMI EFI BIOS with SPI Flash ROM | --- ### Summary of Design Intent The **MEH61XBD-R** is engineered for **MTBF (Mean Time Between Failures)** rather than raw performance. It uses high-quality solid capacitors to prevent leaking in high-heat environments and features long-lifecycle components to ensure the board can be replaced with the exact same model years later without changing the software image.
    ✨ Follow-up Questions
    • ⤷ What are the specific CPU power requirements for the LGA 1155 socket on this board?
    • ⤷ Does the MEH61XBD-R support UEFI or Legacy BIOS boot modes?
    • ⤷ Are there specific drivers required for the RS-232 controllers on this model?