Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ME74ZAD-R

  • AI
    The **ME74ZAD-R** is an electronic component primarily classified as a **N-Channel enhancement mode MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor). These components are widely used for power management, switching, and motor control in compact electronic devices. --- ### 1. Key Technical Specifications The following table summarizes the typical electrical characteristics of the ME74ZAD-R: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30V | | **Continuous Drain Current** | $I_D$ | 10A - 12A (approx) | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | ~12mΩ @ $V_{GS}=10V$ | | **Gate-Source Voltage** | $V_{GS}$ | ±20V | | **Package Type** | Package | SOT-23-6 / TSOP-6 | --- ### 2. Functional Characteristics The ME74ZAD-R is designed for high efficiency in small form factors. Its primary features include: * **Low $R_{DS(ON)}$:** This reduces power dissipation during the "ON" state, which prevents the component from overheating and increases battery life in portable devices. * **High-Speed Switching:** It can transition between ON and OFF states very quickly, making it suitable for PWM (Pulse Width Modulation) applications. * **Trench Technology:** It utilizes high-density cell design to achieve extremely low on-resistance and gate charge. --- ### 3. Pin Configuration The device usually comes in a 6-pin surface mount package (SOT-23-6). While pinouts can vary slightly by manufacturer (e.g., Matsuki Electric), the standard configuration is: 1. **Drain (D):** Connects to the high-voltage side/load. 2. **Drain (D):** Redundant connection for heat dissipation. 3. **Gate (G):** Controls the switching of the MOSFET. 4. **Source (S):** Usually connected to ground or the return path. 5. **Drain (D):** Redundant connection. 6. **Drain (D):** Redundant connection. --- ### 4. Common Applications Due to its small size and high current capacity, it is commonly found in: * **DC-DC Converters:** Transforming voltage levels in laptops or tablets. * **Load Switching:** Turning sub-circuits on or off to save power. * **Battery Protection:** Integrated into BMS (Battery Management Systems) for lithium-ion packs. * **LED Drivers:** Controlling brightness via high-speed switching. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the ME74ZAD-R?
    • ⤷ How does the gate threshold voltage affect its performance in 3.3V logic circuits?
    • ⤷ What are the thermal considerations when running this MOSFET at its maximum current?