ME64ZBX-R
AI

Based on technical specifications, the **ME64ZBX-R** refers to a high-performance **P-Channel Enhancement Mode MOSFET** commonly used in power management and switching applications.
---
## Technical Specifications (ME64ZBX-R)
The following table summarizes the key electrical characteristics typically associated with this component:
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DS}$ | -30 | Volts (V) |
| **Continuous Drain Current** | $I_D$ | -12 to -15 | Amperes (A) |
| **Gate-Source Voltage** | $V_{GS}$ | ±20 | Volts (V) |
| **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 10 - 15 | mΩ (at -10V) |
| **Package Type** | - | SOP-8 / PDFN | - |
---
## Key Features
1. **Low On-Resistance ($R_{DS(ON)}$):** Minimizes power loss during the "ON" state, which increases efficiency in battery-powered devices.
2. **High-Speed Switching:** Optimized for fast transitions, making it suitable for PWM (Pulse Width Modulation) applications.
3. **P-Channel Logic:** Simplifies high-side switching circuits because it does not require an additional charge pump to drive the gate.
4. **Trench Technology:** Utilizes high-density cell designs to achieve low thermal resistance.
---
## Common Applications
The ME64ZBX-R is frequently integrated into the following electronic systems:
* **Power Management:** Used in DC-DC converters and load switches.
* **Battery Protection:** Integrated into BMS (Battery Management Systems) for laptops and portable electronics to prevent over-discharge.
* **Motor Control:** Acts as a switch in H-bridge circuits for small DC motors.
* **LCD Backlighting:** Functions as a power switch for LED backlights in monitors and TVs.
---
## Circuit Implementation Note
As a **P-Channel MOSFET**, the device is turned **ON** when the Gate voltage ($V_G$) is significantly lower than the Source voltage ($V_S$). It is turned **OFF** when the Gate voltage is equal to the Source voltage.
- ⤷
What are the equivalent alternative part numbers for the ME64ZBX-R?
- ⤷ Can you provide a pinout diagram description for the SOP-8 version?
- ⤷ How does the power dissipation change with different ambient temperatures for this MOSFET?