Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ME52XBD-R

  • AI
    The **ME52XBD-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are fundamental in modern power management systems, particularly for DC-DC conversion. --- ### 1. Technical Specifications The "ME52" series generally refers to the physical dimensions and core material properties. Below are the typical characteristics of this part: | Parameter | Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Package Size** | Approx. 5.2mm x 5.2mm (Series 52) | | **Construction** | Ferrite Core with Magnetic Shielding | | **Mounting Type** | SMD (Surface Mount Device) | | **Core Material** | Manganese-Zinc or Nickel-Zinc Ferrite | ### 2. Key Features The ME52XBD-R is designed with specific engineering priorities: * **Magnetic Shielding:** The "BD" designation often indicates a shielded structure. This prevents electromagnetic interference (EMI) from affecting surrounding sensitive circuits (like RF or Audio). * **Low DC Resistance (DCR):** Optimized to minimize power loss through heat, increasing the efficiency of the power supply. * **High Saturation Current:** It is designed to handle high peak currents without the inductance dropping significantly. * **RoHS Compliant:** The "-R" suffix usually denotes compliance with environmental regulations (Lead-free). ### 3. Common Applications These inductors are primarily found in power regulation circuits where space is limited but efficiency is required: 1. **Buck/Boost Converters:** Used for stepping voltage up or down in battery-powered devices. 2. **Laptops & Tablets:** Providing stable voltage to CPUs and GPUs. 3. **LED Drivers:** Managing current flow to high-brightness LEDs. 4. **DC-DC Modules:** Integrated into small-form-factor power supplies. ### 4. Anatomy of the Part Number While naming conventions vary slightly by manufacturer (such as Maglayers or Mitsumi), the breakdown usually follows this logic: | Segment | Meaning | | :--- | :--- | | **ME** | Series Prefix (Manufacturer specific) | | **52** | Dimensions (Width/Length) | | **X** | Profile/Height Code | | **BD** | Material or Shielding characteristic | | **-R** | RoHS Compliant / Tape & Reel Packaging | ---
    ✨ Follow-up Questions
    • ⤷What is the specific inductance value (uH) for the ME52XBD-R?
    • ⤷ What are the recommended soldering temperature profiles for this SMD component?
    • ⤷ How does magnetic shielding in this inductor reduce EMI compared to non-shielded types?