Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • ME26ZAD-R

  • AI
    The **ME26ZAD-R** is an N-Channel enhancement mode Field Effect Transistor (FET) designed primarily for power management and switching applications. It is often utilized in compact electronic devices due to its small footprint and efficient performance characteristics. --- ### 1. Key Technical Specifications Below are the typical electrical characteristics for the ME26ZAD-R: | Parameter | Symbol | Value (Typical) | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30V | | **Continuous Drain Current** | $I_D$ | 6A - 8A (Package dependent) | | **Gate-Source Voltage** | $V_{GS}$ | ±20V | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | ~20mΩ @ $V_{GS}=10V$ | | **Package Type** | Package | SOT-23-6L / TSOP-6 | --- ### 2. Functional Features * **High Density Cell Design:** Provides exceptionally low $R_{DS(ON)}$, which minimizes power loss during operation. * **Logic Level Compatibility:** Can be driven by low-voltage microcontrollers (3.3V or 5V logic). * **Fast Switching Speed:** Reduces switching losses in high-frequency DC-DC converters. * **Small Footprint:** Its miniature surface-mount design is ideal for portable electronics where PCB space is limited. --- ### 3. Pinout Configuration The device usually comes in a 6-pin package (like SOT-23-6). While you should always consult the specific datasheet for the manufacturer (like Matsuki Electric), a common configuration is: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1, 2, 5, 6 | **Drain (D)** | Connected to the high-side load or supply | | 3 | **Gate (G)** | Controls the switching state | | 4 | **Source (S)** | Usually connected to ground or low-side | --- ### 4. Common Applications * **Battery Protection:** Used in BMS (Battery Management Systems) for Li-ion packs. * **Load Switching:** Turning peripheral components on and off to save power. * **DC-DC Converters:** Serving as the switching element in buck or boost regulators. * **LED Backlighting:** Controlling power flow to display backlight arrays.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for ME26ZAD-R?
    • ⤷ Can you explain the thermal management requirements for this MOSFET?
    • ⤷ What is the threshold voltage ($V_{GS(th)}$) for this specific component?