Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MCSO2HW/TB

  • AI
    The **MCSO2HW/TB** is a high-precision, space-grade crystal oscillator manufactured by **Microcrystal**. It belongs to a specialized class of components designed for extreme environments, particularly for satellite applications, aerospace, and medical implants. --- ## 1. Technical Specifications The MCSO2HW/TB is a "High Frequency, Low Power" oscillator designed for surface mounting. | Parameter | Specification Details | | :--- | :--- | | **Component Type** | Clock Oscillator (XO) | | **Frequency Range** | Typically 10 kHz to 225 MHz | | **Supply Voltage** | 1.8V, 2.5V, 3.3V, or 5.0V variants | | **Output Type** | CMOS / HC-MOS | | **Operating Temp** | -55°C to +125°C (Military/Space Grade) | | **Package Size** | 5.0 x 3.2 x 1.3 mm (Ceramic LCC) | | **Aging** | Very low (±2 ppm to ±5 ppm max first year) | --- ## 2. Key Electronic Features ### A. Material and Packaging * **Hermetic Sealing:** The "TB" suffix often denotes a specific gold-plated ceramic package that is vacuum-sealed or filled with an inert gas. This prevents oxidation and ensures long-term stability in the vacuum of space. * **Ceramic LCC:** The 4-pad Leadless Chip Carrier (LCC) design is highly resistant to mechanical shock and vibration compared to standard leaded components. ### B. High Reliability (Space Grade) The **HW** designation usually points to a high-reliability screening process. These parts undergo: * **Radiation Hardening:** Designed to withstand Total Ionizing Dose (TID) effects. * **Outgassing Control:** Materials are selected to ensure they do not release gases that could fog optical sensors in satellites. ### C. Low Power Consumption Unlike TCXOs (Temperature Compensated) or OCXOs (Oven Controlled), this clock oscillator is optimized for a low current draw, which is critical for solar-powered space systems or battery-operated remote sensors. --- ## 3. Pin Configuration The device typically follows a standard 4-pad layout for SMD oscillators: | Pin # | Function | Description | | :--- | :--- | :--- | | **1** | E/D or NC | Enable/Disable (Tristate) or No Connection | | **2** | GND | Ground / Case Connection | | **3** | Fout | Frequency Output (Square Wave) | | **4** | Vdd | Supply Voltage | --- ## 4. Typical Applications * **LEO Satellites:** Used as the primary heartbeat for microcontrollers in CubeSats. * **Aerospace Avionics:** High-reliability timing for flight control systems. * **Deep Sea Exploration:** Robustness against high pressure and temperature fluctuations. * **Medical Technology:** Long-term stable timing for diagnostic equipment.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'HW' and 'TB' designations in the part number?
    • ⤷ How does the radiation tolerance of this oscillator compare to standard industrial oscillators?
    • ⤷ What are the specific soldering requirements for the ceramic LCC package to ensure space-grade reliability?