Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MBR2045DC-R

  • AI
    The **MBR2045DC-R** is a high-performance **Schottky Barrier Rectifier** diode. It is designed for high-frequency switching power supplies, free-wheeling diodes, and polarity protection applications. --- ## 1. Component Overview The "MBR" prefix identifies it as a Schottky diode, which utilizes a metal-to-semiconductor junction rather than a P-N junction. This results in a much faster switching speed and a lower forward voltage drop. ### Key Features * **Low Forward Voltage:** Reduces power loss and increases efficiency. * **High Surge Capacity:** Capable of handling brief spikes in current. * **Guard Ring Protection:** Includes an internal guard ring for stress protection and long-term reliability. * **Low Stored Charge:** Minimal reverse recovery time. --- ## 2. Technical Specifications The following table summarizes the primary electrical characteristics of the MBR2045DC-R: | Parameter | Symbol | Typical Value | | :--- | :---: | :--- | | **Maximum Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 45 V | | **Average Rectified Forward Current** | $I_{F(AV)}$ | 20 A (Total) / 10 A (Per Leg) | | **Peak Forward Surge Current (8.3ms)** | $I_{FSM}$ | 150 A | | **Maximum Forward Voltage ($I_F = 10A$)** | $V_F$ | ~0.57 V to 0.70 V | | **Operating Junction Temperature** | $T_J$ | -55 to +150 °C | | **Package Type** | - | TO-263 (D2PAK) | --- ## 3. Pin Configuration and Internal Structure The "DC" in the part number often indicates a **Dual Common Cathode** configuration. 1. **Anode 1 (Pin 1):** Input for the first diode. 2. **Cathode (Pin 2 / Tab):** Common output for both diodes. 3. **Anode 2 (Pin 3):** Input for the second diode. ```text Common Cathode (Tab) |_______| | | [ 1 | 2 | 3 ] An1 Cath An2 ``` --- ## 4. Common Applications * **Switching Power Supplies (SMPS):** Used on the output stage to rectify high-frequency AC to DC. * **OR-ing Diodes:** Used in redundant power supply systems to prevent backflow. * **Battery Chargers:** Provides efficient rectification with minimal heat generation. * **Solar Panels:** Acts as a blocking diode to prevent battery discharge through the panels at night. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a Schottky diode and a standard recovery diode?
    • ⤷ How does temperature affect the forward voltage drop of the MBR2045DC-R?
    • ⤷ What are the thermal management requirements for a 20A load on this device?