MAH78TCD-R
AI

The **MAH78TCD-R** is a specific surface-mount component, typically classified as a **TVS (Transient Voltage Suppressor) Diode Array** or a specialized **ESD Protection Device**. These components are critical in modern electronics for protecting sensitive integrated circuits (ICs) from electrostatic discharge and voltage spikes.
---
### 1. Key Technical Specifications
While specific manufacturers (like Littelfuse or ProTek) may vary slightly in their internal naming, parts in this series generally follow these parameters:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Package Type** | SOT-23 / SC-70 (Surface Mount) |
| **Working Voltage ($V_{rwm}$)** | 5.0V - 12V (Depends on specific sub-variant) |
| **Clamping Voltage** | Low voltage (typically < 15V) |
| **Circuit Configuration** | Dual or Single line protection |
| **Capacitance** | Low capacitance (< 1pF to 5pF) for high-speed data |
| **RoHS Status** | Lead-free and compliant |
---
### 2. Internal Construction and Circuitry
The "TCD" designation often refers to a **Common Cathode** or **Common Anode** dual-diode configuration.
* **Zener/TVS Diodes:** The part contains silicon-based diodes designed to enter "breakdown" mode very quickly (nanoseconds) when a voltage spike occurs.
* **Energy Dissipation:** It shunts the excess current to the ground, preventing it from reaching the core processor or communication chip.
---
### 3. Application Areas
These parts are commonly found in the following locations on a Printed Circuit Board (PCB):
1. **I/O Ports:** USB 2.0/3.0, HDMI, and Ethernet ports where static from human touch is common.
2. **Portable Electronics:** Smartphones, tablets, and wearables where space is limited and ESD risk is high.
3. **Automotive Electronics:** Protection for sensor data lines and CAN bus interfaces.
4. **Power Rail Filtering:** Acting as a secondary defense against small surges on 3.3V or 5V power lines.
---
### 4. Part Number Breakdown (General Convention)
In the industry, the suffix **-R** usually denotes **Tape and Reel** packaging, meaning the parts are supplied on a reel for automated "Pick and Place" assembly machines.
```markdown
MAH - Series Identifier (Manufacturer Specific)
78 - Voltage Rating or Design Revision
TCD - Package/Configuration Code (e.g., Triple/Dual/Cathode)
-R - Packaging Format (Tape & Reel)
```
---
- ⤷What is the peak pulse power rating for this specific TVS diode?
- ⤷ Can this component be used for high-speed USB 3.0 data line protection?
- ⤷ What are the equivalent alternative part numbers for the MAH78TCD-R?