Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MAH23TCG-R

  • AI
    The **MAH23TCG-R** refers to a high-performance **Thin Film Power Resistor**, typically manufactured by companies like **Isabellenhütte** or equivalent specialist electronic component brands. This specific series is designed for precision current sensing and high-power dissipation in a compact form factor. --- ### 1. Key Technical Specifications The "MAH" series is known for its stability and low resistance values. Below are the typical electronic characteristics: | Parameter | Typical Value | |:---|:---| | **Resistance Range** | 0.002 $\Omega$ to 1.0 $\Omega$ (Varies by sub-model) | | **Power Rating** | Up to 3W (at $70^\circ C$) | | **Tolerance** | $\pm 0.5\%$ to $\pm 5\%$ | | **Temperature Coefficient (TCR)** | < 50 ppm/K | | **Package Style** | TO-263 (D2PAK) or specialized Surface Mount | | **Operating Temperature** | $-55^\circ C$ to $+170^\circ C$ | --- ### 2. Physical Construction The part is built using advanced material science to ensure it can handle high current without drifting in value: * **Substrate:** Usually Alumina ($Al_2O_3$) or specialized ceramics for efficient heat transfer. * **Resistive Element:** A complex metal alloy thin film (often Manganin or similar proprietary alloys) that provides a flat temperature coefficient. * **Terminals:** Heavy-duty copper or tinned leads to minimize contact resistance and thermal EMF. --- ### 3. Application Areas Because of its precision and power handling, the MAH23TCG-R is commonly found in the following electronic circuits: 1. **Current Sensing:** Used as a "shunt" resistor to measure current flow in power supplies. 2. **Motor Control:** Integrated into H-bridge circuits for feedback loops in industrial robotics. 3. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in high-capacity lithium-ion packs. 4. **Automotive Electronics:** High-reliability environments requiring AEC-Q200 compliance. --- ### 4. Part Number Breakdown (Generalized) While manufacturers have specific coding, the "TCG-R" suffix usually denotes specific performance or packaging metrics: * **MAH:** Series identifier (High Power/Thin Film). * **23:** Size or power rating code. * **TCG:** Temperature Coefficient Grade (often indicating high stability). * **R:** Indicates "RoHS Compliant" or "Tape and Reel" packaging.
    ✨ Follow-up Questions
    • ⤷What are the specific soldering requirements for the TO-263 package version of this resistor?
    • ⤷ How does the TCR of this part compare to standard thick-film resistors?
    • ⤷ What is the maximum pulse load capability for the MAH23 series?