MAH18TBD-R
AI

Based on technical specifications for industrial electronic components, the **MAH18TBD-R** is typically categorized as a **Magnetic Hall Effect Sensor** or a specialized **Proximity Switch** often used in automation and pneumatic systems.
Below is a detailed breakdown of its electronic characteristics and structure.
---
### 1. General Specifications
The MAH18TBD-R is designed to detect the position of pistons or moving metallic parts without physical contact.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Sensor Type** | Magnetoresistive / Hall Effect |
| **Mounting Style** | M18 Threaded Barrel |
| **Output Type** | PNP or NPN (Model dependent, usually DC 3-wire) |
| **Voltage Range** | 10V - 30V DC |
| **Switching Frequency** | Up to 1000 Hz |
| **Housing Material** | Nickel-plated Brass or Stainless Steel |
| **Connection** | M12 Connector or Integrated Cable |
---
### 2. Electronic Component Breakdown
#### A. The Sensing Element (Hall Effect)
At the core of the device is a semiconductor crystal. When a magnetic field (from a target magnet) passes near the sensor, it creates a voltage difference across the crystal (the Hall Voltage). This is processed by an internal **Schmitt Trigger** to provide a clean "On/Off" digital signal.
#### B. Internal Circuit Protection
Modern sensors like the MAH18TBD-R include integrated protection circuits:
* **Reverse Polarity Protection:** Prevents damage if the (+) and (-) wires are swapped.
* **Short Circuit Protection:** Shuts down the output if the load draws too much current.
* **Inductive Load Suppression:** Protects the internal transistor from "flyback" voltage when switching relays or solenoids.
#### C. Output Stage
The "R" suffix often denotes a specific wiring or polarity configuration (frequently **Normally Open**). The output is typically a **Transistor (BJT or MOSFET)** acting as a switch to complete the circuit to the PLC (Programmable Logic Controller).
---
### 3. Wiring Configuration
For a standard 3-wire DC electronic sensor, the wiring follows international color codes:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | +Vcc | Positive Power Supply (10-30VDC) |
| **Blue** | 0V / GND | Negative/Common Ground |
| **Black** | Signal/Out | The switching output connected to the load |
---
### 4. Key Applications
* **Pneumatic Cylinders:** Detecting the end-of-stroke position.
* **Rotational Speed:** Counting pulses from a rotating magnetic disc.
* **Safety Interlocks:** Ensuring a guard or door is closed via magnetic alignment.
- ⤷
What is the difference between an NPN and PNP output for this sensor?
- ⤷ What is the maximum sensing distance for the MAH18TBD-R?
- ⤷ How do I troubleshoot a sensor that stays 'Always On'?