MAH14FAG-R
AI

The **MAH14FAG-R** is a high-performance, shielded power inductor typically manufactured by companies like **Mag.Layers**. These components are essential in modern electronics for energy storage and noise filtering within power management circuits.
---
### 1. Technical Specifications
Below is a breakdown of the typical technical parameters for the MAH14FAG-R series:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Shielded Power Inductor |
| **Inductance** | Varies by sub-model (Commonly 1.0µH to 4.7µH) |
| **Tolerance** | ±20% (Standard for power inductors) |
| **DCR (Direct Current Resistance)** | Low resistance to minimize power loss |
| **Current Rating** | High saturation current capability |
| **Shielding** | Magnetic Resin / Metal Composite Shielding |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Key Electronic Features
* **Magnetic Shielding:** The "shielded" construction prevents electromagnetic interference (EMI) from affecting surrounding components. This is critical in compact PCB designs.
* **Low Profile:** Designed for space-constrained applications like smartphones, tablets, and wearable tech.
* **Saturation Characteristics:** These inductors are engineered to handle high peak currents without the inductance dropping significantly (soft saturation).
* **Efficiency:** The low DCR ensures that very little energy is wasted as heat, which extends battery life in portable devices.
---
### 3. Common Applications
The MAH14FAG-R is widely used in DC-DC converter circuits. Specifically:
1. **Buck/Boost Converters:** Used as the energy storage element to step voltage up or down.
2. **Power Management Integrated Circuits (PMICs):** Found in the power stages of processors and GPUs.
3. **Consumer Electronics:** Used in laptops, SSDs, and handheld gaming consoles.
4. **Telecommunications:** Noise filtering in high-speed data modules.
---
### 4. Part Number Breakdown (Example)
While manufacturers have unique codes, the "MAH" series generally follows this logic:
```text
MAH - 14 - FAG - R
| | | |
| | | +-- RoHS Compliant / Tape & Reel Packaging
| | +------- Material/Internal Design Code
| +------------- Case Size (e.g., 1.4mm x 1.2mm)
+------------------ Product Series (Metal Alloy High Current)
```
- ⤷What are the specific saturation current limits for the 1.0uH version?
- ⤷ How does magnetic resin shielding compare to traditional ferrite shielding?
- ⤷ Can this inductor be used in automotive-grade environments?