Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MA76FAD-R

  • AI
    The **MA76FAD-R** is a specialized high-frequency, surface-mount (SMD) RF component, typically identified as a **Low Pass Filter (LPF)** or a specific **Antenna Switch/Coupler** module often used in mobile communication devices and GPS applications. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. General Specifications The component is designed for compact electronic assemblies where space is at a premium and signal integrity is critical. | Parameter | Description | | :--- | :--- | | **Component Type** | Passive RF Component (Filter/Coupler) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Package Size** | Typically 1.6mm x 0.8mm (0603) or smaller | | **Application** | Wireless Communication, GPS, IoT Modules | --- ### 2. Core Electronic Characteristics The "MA" series from manufacturers like Murata or similar RF specialists typically focuses on signal conditioning. * **Frequency Range:** Usually optimized for the 700MHz to 2.7GHz bands, covering LTE, GSM, and W-CDMA frequencies. * **Insertion Loss:** Engineered for minimal signal degradation (typically < 0.5 dB in the passband). * **Impedance:** Standardized at **50 Ohms** for seamless integration into RF front-end circuits. * **Rejection Rate:** High attenuation for harmonic frequencies to prevent interference with other bands. --- ### 3. Pinout and Circuit Integration In a typical circuit, the MA76FAD-R acts as a gatekeeper between the Power Amplifier (PA) and the Antenna. #### Typical Signal Path: 1. **Input Port:** Receives the raw RF signal from the transceiver or amplifier. 2. **Ground Pins:** Multiple pins are usually dedicated to grounding to ensure thermal dissipation and RF shielding. 3. **Output Port:** Delivers the filtered, clean signal to the antenna or the next stage of the RF chain. --- ### 4. Manufacturing and Handling Due to its small footprint and high-frequency nature, specific manufacturing standards apply: * **RoHS Compliance:** The "-R" suffix usually denotes compliance with environmental regulations (Lead-free) and "Tape & Reel" packaging for automated pick-and-place machines. * **Moisture Sensitivity Level (MSL):** Generally rated at MSL 1, meaning it has unlimited floor life at ≤30°C/85% RH. * **Soldering:** Requires a reflow soldering profile specifically calibrated for miniature ceramic or composite components to avoid "tombstoning." --- ### 5. Common Use Cases * **Smartphone RF Front-Ends:** Suppressing harmonics from the power amplifier. * **Wearables:** Ensuring GPS signals are not drowned out by Bluetooth/Wi-Fi noise. * **Automotive Telematics:** Stable signal processing in high-vibration environments.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency cutoff for the MA76FAD-R?
    • ⤷ Which manufacturer produces the MA76FAD-R series?
    • ⤷ Are there pin-compatible alternatives for this specific part number?