Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MA74FCG-R

  • AI
    The **MA74FCG-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are fundamental in power management circuits for filtering and energy storage. --- ### 1. Key Technical Specifications While specific data can vary slightly by manufacturer (commonly associated with brands like **Delta Electronics**), the general characteristics are as follows: | Parameter | Typical Value / Description | |:---|:---| | **Component Type** | Fixed Inductor / Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance** | Specified by the "74" series (often 4.7µH or 7.4µH depending on coding) | | **Construction** | Shielded (Magnetic shielding to prevent EMI) | | **Core Material** | Ferrite or Composite Iron Powder | | **Compliance** | RoHS Compliant | --- ### 2. Physical & Functional Features The "FCG" and "R" suffixes in the part number usually denote specific physical traits or packaging: * **Shielded Design:** The "FCG" series is often shielded. This means the magnetic field is contained within the component, reducing electromagnetic interference (EMI) with neighboring components on the PCB. * **Low DC Resistance (DCR):** Designed to minimize power loss as heat, making it efficient for battery-operated devices. * **High Saturation Current:** It can handle significant current spikes without the inductance value dropping sharply. * **Tape and Reel ("-R"):** The "R" suffix almost always indicates that the parts are delivered on a **Reel**, intended for automated pick-and-place assembly lines. --- ### 3. Common Applications This inductor is typically found in DC-DC converter circuits. Common use cases include: 1. **Voltage Regulators:** Used in buck (step-down) or boost (step-up) converters. 2. **Consumer Electronics:** Found in laptops, tablets, and smartphones where space is limited but power efficiency is critical. 3. **Noise Filtering:** Acts as a low-pass filter to smooth out ripples in power supply lines. --- ### 4. Circuit Symbol and Implementation In a schematic, the MA74FCG-R is represented by an inductor symbol, usually with two parallel lines above it to indicate a ferrite core. ```text L1 (MA74FCG-R) ----(UUUUUU)---- 4.7uH ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the '74' code in this specific series?
    • ⤷ What are the physical dimensions (footprint) of the MA74FCG-R?
    • ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?