Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MA63FAA-R

  • AI
    The **MA63FAA-R** is a specific part number typically associated with **brushless DC (BLDC) fan motors**, often manufactured by companies like **Nidec** or used in specific industrial/consumer electronics cooling applications. Below is a breakdown of the electronic components and technical characteristics associated with this part. --- ### 1. Technical Specifications This part is generally categorized as a high-efficiency miniature fan motor. The following table summarizes its typical electrical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Brushless DC Fan (BLDC) | | **Operating Voltage** | 12V DC (Standard Range: 7V - 13.8V) | | **Current Rating** | ~0.05A to 0.15A (Depending on specific revision) | | **Bearing Type** | Fluid Dynamic Bearing (FDB) or Sleeve | | **Termination** | 2-wire or 3-wire (with Tachometer/FG signal) | | **Safety Certification** | UL, TUV, CE | --- ### 2. Key Electronic Parts & Construction The "MA63FAA-R" utilizes several internal electronic sub-assemblies to function: #### A. The Brushless Controller (IC) Unlike brushed motors, this unit uses an integrated circuit (IC) to handle commutation. * **Hall Effect Sensor:** Detects the position of the permanent magnet rotor. * **Switching Transistors:** Usually MOSFETs integrated into the IC that flip the magnetic field of the stator coils. #### B. Stator Windings The core consists of copper coils wound around a laminated steel core. These are energized in a specific sequence to create the rotational torque. #### C. Protection Circuitry The "-R" suffix often denotes specific compliance or protection features, such as: * **Auto-Restart Protection:** If the fan blade is physically blocked, the internal IC cuts power to prevent the coils from burning out, then attempts to restart periodically. * **Reverse Polarity Protection:** A diode or circuit logic that prevents damage if the positive and negative wires are connected backwards. --- ### 3. Physical Dimensions While "63" usually refers to a specific frame size in some numbering schemes, in the MA series, it often maps to the following: * **Frame Size:** Approx. 60mm x 60mm * **Thickness:** 10mm to 25mm (Application dependent) * **Housing Material:** PBT Plastic (UL94V-0 rated flame retardant) --- ### 4. Application Use-Cases These parts are commonly found in: 1. **Network Switches/Routers:** Providing low-noise active cooling. 2. **Medical Equipment:** Due to high reliability and low EMI (Electromagnetic Interference). 3. **Power Supplies:** Small form-factor ATX or industrial PSU units.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the 3-wire version of this fan?
    • ⤷ Can this fan be controlled using PWM for speed regulation?
    • ⤷ What are the common failure modes for BLDC motors like the MA63FAA-R?