Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MA26TBD-R

  • AI
    The **MA26TBD-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Switching Diode**, often manufactured by Rohm Semiconductor (though similar nomenclature exists across small-signal discrete components). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Overview The MA26TBD-R belongs to the family of small-signal diodes designed for high-speed switching applications. It is characterized by its miniature footprint and low capacitance, making it ideal for high-frequency circuits. ### 2. Technical Specifications | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Type** | Switching Diode | Designed for rapid state changes. | | **Configuration** | Single | One diode per package. | | **Peak Reverse Voltage ($V_{RM}$)** | 80V | Maximum voltage in reverse bias. | | **Reverse Voltage ($V_R$)** | 80V | Continuous DC reverse voltage. | | **Forward Current ($I_F$)** | 100mA | Maximum continuous current flow. | | **Peak Forward Current ($I_{FM}$)** | 225mA | Maximum surge current (short duration). | | **Reverse Recovery Time ($t_{rr}$)** | 4.0ns | Time taken to stop conducting after switching. | | **Capacitance ($C_t$)** | 1.2pF to 2.0pF | Measured at $V_R=0.5V, f=1MHz$. | ### 3. Package and Construction The "-R" suffix usually denotes the packaging format (Tape and Reel) for automated assembly. * **Package Type:** Typically **SSMini2** (SOD-523) or similar ultra-small surface mount packages. * **Case Material:** Molded Plastic. * **Lead Finish:** Lead-free (RoHS compliant). ### 4. Key Applications Because of its high speed and low capacitance, the MA26TBD-R is used in: 1. **High-Speed Switching:** Used in digital logic circuits to ensure fast signal transitions. 2. **Clamping/Protection:** Protecting sensitive IC inputs from voltage spikes. 3. **General Purpose Rectification:** Small-scale AC to DC conversion in low-current signal paths. 4. **Mobile Electronics:** Due to its extremely small physical size, it is preferred in smartphones and wearables. --- ### 5. Equivalent/Alternative Parts If this specific part is unavailable, engineers often look for the following equivalents depending on the specific package requirements: * **1SS355** (Standard high-speed switching diode). * **BAS16** (Commonly found in SOT-23, slightly larger). * **1N4148WS** (The SMD version of the classic 4148).
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering temperature profiles for the SSMini2 package?
    • ⤷ How does the reverse recovery time (trr) affect high-frequency circuit performance?
    • ⤷ Can the MA26TBD-R be used for power rectification applications?