Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MA23FBD-R

  • AI
    The **MA23FBD-R** is a specific electronic component typically categorized as a **High-Frequency Connector** or a **Coaxial Board-to-Board Connector**, often manufactured by companies like Hirose (HRS) or similar precision interconnect specialists. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic and physical attributes associated with this series: | Property | Description | | :--- | :--- | | **Component Type** | SMT (Surface Mount Technology) Receptacle | | **Connection Type** | Board-to-Board / Coaxial | | **Impedance** | Typically 50 Ohms (Standard for RF) | | **Operating Frequency** | High-frequency range (often up to 6 GHz or higher) | | **Mounting Style** | Right-angle or Straight SMT | | **Plating** | Gold plating (for high conductivity and oxidation resistance) | --- ### 2. Functional Components The internal structure of the MA23FBD-R consists of several critical electronic parts: 1. **Center Contact (Signal Pin):** * Crafted from high-conductivity copper alloy. * Responsibility: Transmitting the high-frequency electrical signal with minimal loss. 2. **Insulator (Dielectric):** * Usually made of PTFE (Teflon) or high-performance Liquid Crystal Polymer (LCP). * Responsibility: Maintaining the constant distance between signal and ground to ensure consistent impedance. 3. **Outer Shell (Grounding):** * Provides EMI (Electromagnetic Interference) shielding. * Ensures a stable return path for the electrical current. --- ### 3. Application Areas These parts are designed for compact electronic environments where signal integrity is paramount: * **Telecommunications:** Base stations and small cell hardware. * **Mobile Devices:** Internal antenna connections and RF module linking. * **Medical Electronics:** High-resolution imaging equipment data paths. * **Automotive:** Infotainment systems and GPS modules. --- ### 4. Mounting Example When integrating this part into a PCB layout, the footprint typically follows this pattern: ```c /* Typical SMT Footprint Logic */ PCB_Layout { Center_Pad: Signal_Input; // Solder point for the center pin Side_Pads: Ground_Plane; // Solder points for the shield/mechanical tabs Clearance: 0.2mm - 0.5mm; // Required to prevent signal shorting } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency range supported by the MA23FBD-R?
    • ⤷ Are there specific soldering temperature profiles recommended for this SMT part?
    • ⤷ How does the gold plating thickness affect the signal longevity in this connector?