Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • MA16TAD-R

  • AI
    The **MA16TAD-R** is a high-performance **Magnetic Encoder System** produced by **Magnescale** (formerly Sony Magnescale). It is designed for precise motion control, specifically in rotary applications like robotic joints and motor feedback. --- ### 1. General Specifications The MA16TAD-R belongs to a series of absolute magnetic encoders that utilize a magnetic pattern on a scale and a sensor head to determine position without needing a home return. | Property | Specification | | :--- | :--- | | **Encoder Type** | Absolute Magnetic Encoder | | **Output Protocol** | BiSS-C / SSI / A/B/Z Phase (Model dependent) | | **Resolution** | Up to 16-bit to 20-bit (Depending on configuration) | | **Operating Temperature** | -10°C to +80°C | | **Power Supply** | 5V DC ± 5% | | **Form Factor** | Low-profile, hollow shaft compatibility | --- ### 2. Key Electronic Components The system consists of three primary electronic layers: 1. **Magnetic Scale (The Disc):** A multi-track magnetic disk containing a "Fine" track for high-resolution incremental data and a "Coarse" track (often pseudo-random code) for absolute position identification. 2. **MR (Magneto-Resistive) Sensors:** The read-head contains specialized MR sensors that detect changes in the magnetic field. These sensors convert magnetic flux into differential analog signals (Sine/Cosine). 3. **Signal Processing ASIC:** * **Interpolation:** The internal circuit multiplies the analog sine/cosine signals to achieve high resolution. * **Logic Controller:** Coordinates the absolute position calculation by comparing the two magnetic tracks. * **Communication Interface:** Converts the position data into a digital serial protocol (like BiSS-C) for the motor driver or PLC. --- ### 3. Connection & Wiring The "R" in the suffix typically refers to the **Radial** cable orientation or a specific connector variation. The typical pinout includes: * **Power:** VCC (+5V) and GND (0V). * **Data Lines:** MA+ / MA- (Clock) and SLO+ / SLO- (Data) for serial communication. * **Shielding:** To prevent EMI (Electro-Magnetic Interference) in industrial environments. --- ### 4. Advantages in Electronics Design * **Non-Contact Sensing:** Unlike optical encoders, the magnetic sensing is immune to dust, oil, and humidity. * **Compact Integration:** The flat, hollow-shaft design allows wires for motors or brakes to pass through the center of the encoder. * **High Latency Performance:** The high-speed serial interface ensures real-time feedback for high-speed robotic arm movements.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the BiSS-C and SSI output versions of this encoder?
    • ⤷ How does the MA16TAD-R handle electromagnetic interference (EMI) from high-power motors?
    • ⤷ What is the recommended mounting tolerance for the magnetic disk relative to the sensor head?