MA11TAX-R
AI

The **MA11TAX-R** is a specific electronic component, typically identified as a **Switching Diode** (often part of the MA11x series by manufacturers like Panasonic or similar semiconductor brands). These parts are designed for high-speed switching applications in consumer and industrial electronics.
### 1. General Specifications
The "MA11" series generally refers to silicon epitaxial planar type diodes. Below is a breakdown of the typical technical parameters for this class of component:
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **Type** | Switching Diode | Used for high-speed signal processing. |
| **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 80V | Maximum voltage the diode can withstand in reverse. |
| **Forward Current ($I_F$)** | 100mA - 150mA | Maximum continuous current allowed to flow forward. |
| **Reverse Recovery Time ($t_{rr}$)** | 3ns - 10ns | The time it takes for the diode to stop conducting. |
| **Package Type** | Mini2-G3 / SOT-23 | Small surface-mount packages. |
---
### 2. Key Features
* **High-Speed Switching:** The extremely low reverse recovery time ($t_{rr}$) makes it ideal for digital circuits where fast state transitions are required.
* **Low Capacitance:** Minimizes signal distortion in high-frequency applications.
* **Small Footprint:** Usually packaged in SOT-23 or similar SMD (Surface Mount Device) formats, saving PCB space.
---
### 3. Part Number Suffix Meaning (TAX-R)
While naming conventions can vary slightly by manufacturer, the suffix usually denotes packaging and orientation:
* **TA:** Often refers to "Tape and Ammo" or a specific "Tape and Reel" orientation.
* **X:** Can indicate a specific lead-free or halogen-free material compliance.
* **R:** Standard indicator for **Reel** packaging, used for automated pick-and-place assembly.
---
### 4. Common Applications
1. **Signal Logic:** Used in "AND" or "OR" gate logic circuits on motherboards.
2. **Clamping/Protection:** Protecting sensitive IC inputs from voltage spikes.
3. **General Rectification:** Converting small AC signals to DC in low-power environments.
---
### 5. Equivalent/Substitute Components
If the MA11TAX-R is unavailable, the following are common industry-standard equivalents with similar performance characteristics:
* **1N4148W:** The universal high-speed switching diode.
* **BAS16:** A common SOT-23 switching diode.
* **MMBD4148:** Surface mount version of the 1N4148.
---
- ⤷What is the exact package dimensions for the MA11TAX-R?
- ⤷ Can this diode be used in power supply rectification?
- ⤷ What is the maximum operating temperature for this component?