MA02104AF
AI

The **MA02104AF** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. While part numbering conventions can vary slightly between manufacturers, this specific code is commonly associated with high-current power inductors used in DC-DC conversion and voltage regulation modules.
---
### 1. Component Overview
The MA02104AF is designed for power management circuits where high efficiency and high current handling are required in a compact form factor.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | SMD Power Inductor |
| **Core Material** | Manganese-Zinc (MnZn) or Metal Alloy |
| **Shielding** | Magnetically Shielded (reduces EMI) |
| **Mounting Type** | Surface Mount (SMT) |
| **Applications** | VRM, Point-of-Load (POL) converters, Servers |
---
### 2. Physical and Technical Characteristics
#### High Current Capacity
This inductor is built to handle high saturation currents ($I_{sat}$). This ensures that the inductance value does not drop significantly when high levels of DC current pass through the coil.
#### Low DC Resistance (DCR)
The internal copper windings are designed to have extremely low resistance. This minimizes power loss through heat (Joule heating), which is critical for maintaining high efficiency in power supplies.
#### Magnetic Shielding
The "AF" series usually denotes a shielded construction. This helps contain the magnetic flux within the component, preventing interference with neighboring sensitive components on the PCB (Printed Circuit Board).
---
### 3. Typical Pinout and Layout
As an SMD inductor, the MA02104AF usually features a two-terminal landing pattern:
```text
[Top View]
_________________
| |
| (Logo) |
| MA02104 | <-- Marking
| AF |
|_________________|
| | |
[PAD1] [PAD2] <-- Solder Terminals (Bottom)
```
---
### 4. Application Areas
* **Computing:** CPU and GPU power supplies (Vcore).
* **Telecommunications:** Base stations and networking switches.
* **Industrial:** High-efficiency DC-DC step-down (Buck) converters.
* **Automotive:** Infotainment systems and ADAS modules (if AEC-Q200 qualified).
---
### 5. Selection Considerations
When replacing or designing with the MA02104AF, consider these parameters:
1. **Inductance (L):** Measured in Microhenries ($\mu H$).
2. **Saturation Current ($I_{sat}$):** The current at which inductance drops by a specific percentage (usually 20% or 30%).
3. **Heating Current ($I_{rms}$):** The current that causes a specific temperature rise (usually 40°C).
4. **Footprint:** Ensure the physical dimensions (length x width x height) match your PCB layout.
- ⤷
What is the specific inductance value (uH) for the MA02104AF?
- ⤷ How does magnetic shielding in this part compare to unshielded inductors?
- ⤷ Are there recommended substitutes with similar footprints?