M93C46-RBN6TP
AI

The **M93C46-RBN6TP** is a specific type of non-volatile memory chip. It belongs to the Microwire serial EEPROM family, commonly used for storing small amounts of configuration data, calibration parameters, or device IDs.
---
## 1. Technical Specifications
The part number can be broken down into specific technical attributes:
| Parameter | Value / Description |
| :--- | :--- |
| **Memory Size** | 1 Kbit (128 x 8 bits or 64 x 16 bits) |
| **Interface** | Microwire (3-wire Serial Interface) |
| **Operating Voltage** | 1.8V to 5.5V (Wide Range) |
| **Package Type** | PDIP8 (Plastic Dual In-line Package, 8 pins) |
| **Clock Frequency** | Up to 2 MHz |
| **Data Retention** | 40 Years |
| **Endurance** | 1 Million Write Cycles |
| **Temperature Range** | -40°C to +85°C (Industrial Grade) |
---
## 2. Pin Configuration (PDIP8)
The device uses 8 pins to communicate with a microcontroller (MCU).
1. **S (Chip Select):** Activates the device when high.
2. **C (Serial Clock):** Synchronizes data transfer.
3. **D (Serial Data Input):** Receives opcodes and data.
4. **Q (Serial Data Output):** Sends data back to the MCU.
5. **VCC:** Power Supply.
6. **VSS:** Ground.
7. **ORG (Organization):** Sets the memory structure (x8 or x16).
8. **DU (Don't Use):** No internal connection.
---
## 3. Core Functional Features
### Selectable Organization
The **ORG** pin allows the user to choose how the memory is accessed:
* **ORG connected to VCC:** Memory is organized as 64 words of 16 bits.
* **ORG connected to VSS:** Memory is organized as 128 words of 8 bits.
### Write Protection
The device includes a **Write Enable (WEN)** and **Write Disable (WDS)** instruction set. This prevents accidental data corruption during power-up or power-down sequences.
### Self-Timed Programming
When a write command is issued, the chip handles the internal timing of the write cycle automatically. The MCU can poll the **Q (Ready/Busy)** pin to determine when the write operation is complete.
---
## 4. Typical Application Example
In an embedded system, the M93C46 is often used to store "set-and-forget" data.
```cpp
// Pseudocode for reading a 16-bit word from M93C46
void readEEPROM(uint8_t address) {
selectChip(); // Set CS High
sendOpcode(READ); // Send 110 opcode
sendAddress(address); // Send 6-bit address
uint16_t data = read16Bits();
deselectChip(); // Set CS Low
return data;
}
```
---
- ⤷
What is the difference between Microwire and SPI interfaces?
- ⤷ Can this chip be used in 3.3V and 5V systems simultaneously?
- ⤷ How does the ORG pin affect the addressing of the memory?