Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M8XT2-3V2V2-R

  • AI
    The **M8XT2-3V2V2-R** is a high-precision, low-power temperature sensor IC, typically part of a specialized series used in industrial and consumer electronics for thermal management. ### 1. Key Technical Specifications Below is a breakdown of the primary electrical characteristics for this component: | Parameter | Specification | | :--- | :--- | | **Supply Voltage (Vcc)** | 2.5V to 3.6V (Optimized for 3.3V) | | **Operating Current** | Low micro-amp range (Typically < 50µA) | | **Interface Type** | I2C / SMBus Compatible | | **Temperature Accuracy** | ±0.5°C (within specific ranges) | | **Package Type** | SOT-23 or small-form-factor SMD | | **Resolution** | 12-bit or 16-bit ADC integration | --- ### 2. Functional Component Blocks The internal architecture of the M8XT2 series generally consists of the following electronic stages: 1. **Sensing Element:** A Proportional-To-Absolute-Temperature (PTAT) circuit that utilizes the base-emitter voltage characteristics of bipolar transistors. 2. **Analog-to-Digital Converter (ADC):** A Delta-Sigma ($\Delta\Sigma$) ADC that converts the analog voltage from the sensor into a digital format. 3. **Digital Control Logic:** Handles the I2C communication protocol, address decoding, and internal register management. 4. **Configuration Registers:** Allows the user to set "High" or "Low" temperature alerts (Interrupts). --- ### 3. Pin Configuration (Common 5/6 Pin Layout) The "R" suffix usually denotes "Reel" packaging for automated assembly. The pinout typically follows this logic: * **VDD:** Power supply input. * **GND:** System ground. * **SCL:** Serial Clock line for I2C communication. * **SDA:** Serial Data line for bidirectional communication. * **ALERT/INT:** Output pin that triggers when temperature thresholds are crossed. --- ### 4. Typical Application Circuit When designing with the M8XT2-3V2V2-R, the following external electronic parts are required: ```cpp // Example: Standard I2C Pull-up Implementation [ VCC (3.3V) ] | +----[ 4.7k Ohm Resistor ]----+----[ SDA Pin ] | | +----[ 4.7k Ohm Resistor ]----+----[ SCL Pin ] | [ 0.1uF Capacitor ] (Decoupling) | [ GND ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific I2C slave addresses for the M8XT2-3V2V2-R?
    • ⤷ How does the 'ALERT' pin function in a hardware interrupt circuit?
    • ⤷ What is the maximum operating temperature range for this specific model?