Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M8XT2-0V2Z1-R

  • AI
    The **M8XT2-0V2Z1-R** is a specific technical identifier typically associated with **M8 Series Circular Connectors**, often manufactured by companies like **TE Connectivity**, **Amphenol**, or **MoleX**. These components are widely used in industrial automation for connecting sensors and actuators. --- ### 1. Component Overview This part is a ruggedized, small-scale electrical connector designed for harsh environments. Below are the primary specifications: | Feature | Description | | :--- | :--- | | **Connector Type** | M8 Circular Connector | | **Gender** | Female (Socket) | | **Orientation** | Right-Angle (R-suffix) | | **Coding** | A-Coding (Standard for sensors/DC power) | | **Mounting Type** | PCB Mount / Through-hole | | **Shielding** | Unshielded or Shielded (Depending on housing) | --- ### 2. Technical Characteristics The internal electronic parts are designed to handle signal transmission and low-voltage power. #### A. Electrical Specifications * **Voltage Rating:** Usually up to 30V AC/DC. * **Current Rating:** Typically 3A to 4A per contact. * **Insulation Resistance:** > 100 MΩ. * **Contact Resistance:** < 10 mΩ. #### B. Physical Construction * **Contacts:** Copper alloy with Gold (Au) plating over Nickel. Gold prevents oxidation and ensures reliable signal integrity. * **Insulator (Core):** Typically made of Polyamide (PA66) or PBT (Polybutylene Terephthalate), which are heat-resistant plastics. * **Housing:** Nickel-plated brass or high-temp thermoplastic. * **Sealing:** Often rated **IP67**, meaning it is dust-tight and protected against immersion in water. --- ### 3. Pinout and Wiring The "T2" and "V2" segments of the part number usually define the pin count and specific layout. For a standard A-coded M8: 1. **Pin 1 (Brown):** Positive Supply (+V). 2. **Pin 2 (White):** Not used or secondary signal. 3. **Pin 3 (Blue):** Negative Supply (0V). 4. **Pin 4 (Black):** Switching Output / Signal. --- ### 4. Typical Applications * **Industrial Sensors:** Proximity switches, photoelectric sensors, and ultrasonic sensors. * **Actuators:** Small solenoid valves and motor controllers. * **Robotics:** End-of-arm tooling where space is limited. * **PLC Integration:** Connecting field devices to Programmable Logic Controllers.
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering requirements for the M8XT2 PCB mount version?
    • ⤷ Is this connector compatible with standard M8 3-pin and 4-pin cables?
    • ⤷ What is the operating temperature range for the M8XT2-0V2Z1-R?