Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M8TS1-044-R

  • AI
    Based on the part number **M8TS1-044-R**, this component is a high-performance **M8 Series Magnetic SMT (Surface Mount Technology) Jack**, typically integrated with Ethernet magnetics (MagJack). These are commonly used in industrial networking for space-saving and robust connectivity. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | M8 Circular Connector (Female) | | **Mounting Type** | SMT (Surface Mount) / Right Angle | | **Number of Pins** | 4-Pin | | **Shielding** | Fully Shielded (Metal Shell) | | **Data Rate** | Typically 10/100 Mbps (Fast Ethernet) | | **Orientation** | Right Angle (Side Entry) | | **Compliance** | RoHS Compliant | --- ### 2. Core Electronic Functions The "TS" in the series often indicates the integration of **Transformer/Magnetics**. Here is what happens inside the part: 1. **Isolation:** Provides galvanic isolation (typically 1.5kV) between the physical cable and the PHY chip on the PCB to protect against surges. 2. **Signal Integrity:** Includes common-mode chokes to reduce Electromagnetic Interference (EMI) and improve signal quality over long cable runs. 3. **Physical Connection:** The M8 interface is a threaded circular connector, which provides a much more secure and vibration-resistant connection than a standard RJ45 jack. --- ### 3. Pinout and Internal Layout (Typical 4-Pin) | Pin # | Function | Description | | :--- | :--- | :--- | | 1 | TX+ | Transmit Data Positive | | 2 | RX+ | Receive Data Positive | | 3 | TX- | Transmit Data Negative | | 4 | RX- | Receive Data Negative | --- ### 4. Common Applications * **Industrial Automation:** Connecting PLCs (Programmable Logic Controllers) to sensors. * **Robotics:** High-vibration environments where standard Ethernet clips might fail. * **IIoT Gateways:** Compact industrial internet-of-things devices requiring ruggedized data ports. ---
    ✨ Follow-up Questions
    • ⤷ What are the mechanical dimensions for the M8TS1-044-R footprint?
    • ⤷ Is this connector rated for IP67 or IP68 water resistance?
    • ⤷ Can this part support Power over Ethernet (PoE) applications?