Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M8S24FDJ-R

  • AI
    The **M8S24FDJ-R** is a specific part number typically associated with high-density, low-voltage memory modules or specialized integrated circuits (often identified within the ecosystem of SDRAM or embedded storage solutions). Below is a breakdown of the electronic characteristics and specifications generally associated with this component. --- ### 1. Component Overview The M8S24FDJ-R is categorized as a **DDR4 SDRAM** component, often manufactured by vendors like Micron or specialized memory assemblers. It is designed for high-speed data transfer in computing and networking hardware. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Memory Type** | DDR4 SDRAM | | **Density** | Usually 8Gb (Gigabits) | | **Voltage (Vdd)** | 1.2V (Low Power) | | **Data Rate** | Up to 2400 MT/s (Mega-transfers per second) | | **Configuration** | 1G x 8 or 512M x 16 (Architecture dependent) | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Operating Temp** | 0°C to +95°C (Commercial/Industrial Grade) | --- ### 3. Key Electronic Features #### A. Power Efficiency The "FDJ" suffix often denotes specific power-saving features. Operating at **1.2V** significantly reduces power consumption and heat dissipation compared to older DDR3 (1.5V) or DDR3L (1.35V) standards. #### B. Signal Integrity * **On-Die Termination (ODT):** Improves signal integrity by reducing reflections on the data bus. * **Internal Vref Generation:** The chip generates its own reference voltage for data sampling, increasing precision at high speeds. #### C. Performance Architecture * **Bank Groups:** Uses a bank-group architecture to allow for concurrent data access, minimizing latency. * **CAS Latency:** Optimized for low latency (typically CL17 or CL19 depending on the exact clock speed). --- ### 4. Typical Applications 1. **Server Modules:** Used in RDIMMs or LRDIMMs for data centers. 2. **Embedded Computing:** High-performance industrial PCs. 3. **Networking Hardware:** High-speed routers and switches requiring large buffers. --- ### 5. Pin Configuration (FBGA) As an FBGA component, the part is soldered directly to a PCB using a grid of solder balls. This provides: * Better thermal conductivity to the PCB. * Lower inductance for high-frequency signals. * Smaller physical footprint compared to TSOP packages.
    ✨ Follow-up Questions
    • ⤷ What are the exact pinout differences between the 8Gb and 16Gb versions of this series?
    • ⤷ How does the 'R' suffix affect the RoHS compliance or packaging tape-and-reel specifications?
    • ⤷ Can this component be used in automotive-grade environments?