Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M8R65TAJ-R

  • AI
    Based on its technical specifications, the **M8R65TAJ-R** is a high-performance, high-current power inductor, typically used in automotive and industrial power management applications. ### 1. General Specifications The part belongs to a class of metal composite inductors designed for stability and efficiency in DC-DC conversion. | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Choke | | **Construction** | Metal Composite (Iron Powder Core) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Magnetic Metal Alloy | | **Application** | High-current DC-DC Converters | --- ### 2. Key Technical Characteristics Inductors in this series (specifically the "M8" 8mm footprint) are defined by the following electrical behaviors: * **Low DCR (DC Resistance):** Designed to minimize power loss and heat generation during high current flow. * **Soft Saturation:** Unlike ferrite cores that drop inductance sharply at high currents, the metal composite core allows for a gradual decrease in inductance as current increases. * **AEC-Q200 Qualified:** Most parts in this specific coding sequence are automotive grade, meaning they are tested for high vibration, thermal shock, and moisture resistance. * **Shielded Design:** The molded metal construction provides inherent magnetic shielding, reducing Electromagnetic Interference (EMI) with surrounding components. --- ### 3. Common Use Cases These parts are found in circuits requiring high reliability and high power density: 1. **Automotive ECU:** Power supply for Engine Control Units and ADAS modules. 2. **Infotainment Systems:** Voltage regulation for high-speed processors. 3. **Industrial VRM:** Voltage Regulator Modules for high-load industrial computing. 4. **LED Drivers:** High-efficiency power stages for automotive lighting. --- ### 4. Part Number Breakdown (Typical) While internal manufacturer codes vary, the string usually represents: * **M8:** The physical footprint size (approx. 8mm x 8mm). * **R65:** The Inductance Value (often 0.65µH). * **TAJ/R:** Packaging codes (Tape & Reel) and tolerance/series specifications.
    ✨ Follow-up Questions
    • ⤷ What is the saturation current rating for this specific inductor?
    • ⤷ How does a metal composite core compare to a ferrite core in terms of EMI?
    • ⤷ Is this part compatible with lead-free reflow soldering processes?