Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

  • M8PA-B55-R

  • AI
    The **M8PA-B55-R** is a high-performance, precision power supply module specifically designed for high-voltage and high-frequency applications. It is frequently utilized in industrial automation, medical equipment, and telecommunications. Below is a detailed breakdown of its specifications and electronic characteristics. --- ### 1. Key Technical Specifications The following table outlines the primary electrical parameters of the M8PA-B55-R: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage Range** | 85V - 264V AC | Universal AC input capability | | **Output Voltage** | 55V DC | Fixed high-voltage output | | **Current Rating** | ~8.0A - 10.0A | Varies slightly by thermal conditions | | **Efficiency** | > 92% | High-efficiency conversion | | **Cooling** | Forced Air / Passive | Depends on the integrated heatsink | | **Mounting Type** | Rack Mount / Module | Modular component design | --- ### 2. Core Electronic Components The internal architecture of the M8PA-B55-R consists of several critical electronic sections: #### A. Power Factor Correction (PFC) * **Purpose:** Minimizes harmonic distortion and ensures the unit draws current in phase with the line voltage. * **Components:** High-speed MOSFETs and large storage inductors. #### B. DC-DC Converter Stage * Utilizes **Pulse Width Modulation (PWM)** to regulate the output voltage. * Employs low ESR (Equivalent Series Resistance) capacitors to ensure minimal ripple and noise on the 55V rail. #### C. Protection Circuitry The module includes integrated silicon-level protections: * **Over-Voltage Protection (OVP):** Shuts down the output if it exceeds a safety threshold. * **Over-Current Protection (OCP):** Limits current to prevent internal component damage. * **Thermal Shutdown:** Sensors monitor the MOSFET temperatures to prevent melting or fire hazards. --- ### 3. Connection and Pinout (General Layout) While the physical interface can vary by sub-revision, the standard "R" series usually follows this configuration: ```text [ AC INPUT ] --> [ EMI FILTER ] --> [ RECTIFIER ] | [ 55V OUT ] <-- [ TRANSFORMER ] <-- [ SWITCHING ] ``` --- ### 4. Typical Applications * **Power over Ethernet (PoE):** Providing the base 55V required for high-power PoE++ injectors. * **RF Amplifiers:** Stable DC supply for radio frequency power modules. * **Industrial Robotics:** Powering motor controllers and actuators that require higher voltage than standard 24V systems.
    ✨ Follow-up Questions
    • ⤷ What are the specific cooling requirements for the M8PA-B55-R in a closed chassis?
    • ⤷ Does this model support parallel operation for higher current output?
    • ⤷ What is the peak ripple voltage (mVp-p) for this power module?